Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 4 Page - Texas Instruments

  TPS780 Datasheet HTML 1Page - Texas Instruments TPS780 Datasheet HTML 2Page - Texas Instruments TPS780 Datasheet HTML 3Page - Texas Instruments TPS780 Datasheet HTML 4Page - Texas Instruments TPS780 Datasheet HTML 5Page - Texas Instruments TPS780 Datasheet HTML 6Page - Texas Instruments TPS780 Datasheet HTML 7Page - Texas Instruments TPS780 Datasheet HTML 8Page - Texas Instruments TPS780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
FUNCTIONAL BLOCK DIAGRAM
Thermal
Shutdown
10kW
Current
Limit
Bandgap
IN
EN
OUT
EPROM
V
SET/FB
(1)
LOGIC
Active
Pull-
Down
GND
PIN CONFIGURATIONS
TPS780DRV
2mmx2mmSON-6
(TOPVIEW)
IN
GND
EN
6
5
4
OUT
N/C
V
FB
/
SET
1
2
3
Thermal
Pad
(1)
TPS780DDC
TSOT23-5
(TOPVIEW)
OUT
V
/FB
SET
IN
GND
EN
1
2
3
5
4
TPS780 Series
SBVS083C – JANUARY 2007 – REVISED MAY 2008 ....................................................................................................................................................... www.ti.com
(1)
Feedback pin (FB) for adjustable versions; VSET for fixed voltage versions.
(1) It is recommended that the SON package thermal pad be connected to ground.
Table 1. TERMINAL FUNCTIONS
TERMINAL
NAME
DRV
DDC
DESCRIPTION
Regulated output voltage pin. A small (1
µF) ceramic capacitor is needed from this pin to
OUT
1
5
ground to assure stability. See the Input and Output Capacitor Requirements in the
Application Information section for more details.
N/C
2
—
Not connected.
Feedback pin (FB) for adjustable versions; VSET for fixed voltage versions. Driving the select
VSET/FB
3
4
pin (VSET) below 0.4V selects preset output voltage high. Driving the VSET pin over 1.2V
selects preset output voltage low.
Driving the enable pin (EN) over 1.2V turns on the regulator. Driving this pin below 0.4V puts
EN
4
3
the regulator into shutdown mode, reducing operating current to 18nA typical.
GND
5
2
Ground pin.
Input pin. A small capacitor is needed from this pin to ground to assure stability. Typical input
IN
6
1
capacitor = 1.0
µF. Both input and output capacitor grounds should be tied back to the IC
ground with no significant impedance between them.
Thermal pad
Thermal pad
—
It is recommended that the SON package thermal pad be connected to ground.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com