Electronic Components Datasheet Search
  English  ▼

X  

ADS7229 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7229 Datasheet HTML 5Page - Texas Instruments ADS7229 Datasheet HTML 6Page - Texas Instruments ADS7229 Datasheet HTML 7Page - Texas Instruments ADS7229 Datasheet HTML 8Page - Texas Instruments ADS7229 Datasheet HTML 9Page - Texas Instruments ADS7229 Datasheet HTML 10Page - Texas Instruments ADS7229 Datasheet HTML 11Page - Texas Instruments ADS7229 Datasheet HTML 12Page - Texas Instruments ADS7229 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
PIN ASSIGNMENTS
REF+(REFIN)
NC
CONVST
EOC/
/CDI
INT
RESERVED
+VA
+VBD
SCLK
1
2
3
4
12
11
10
9
REF+(REFIN)
NC
CONVST
EOC/
/CDI
INT
+IN1
+VA
+VBD
SCLK
1
2
3
4
12
11
10
9
+VBD
SCLK
BDGND
SDO
SDI
FS/CS
EOC/INT/CDI
CONVST
+VA
RESERVED
+IN
-IN
AGND
REF-
REF+(REFIN)
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+VBD
SCLK
BDGND
SDO
SDI
FS/CS
EOC/INT/CDI
CONVST
+VA
+IN1
+IN0
COM
AGND
REF-
REF+(REFIN)
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
ADS7229
ADS7230
RSA PACKAGE (QFN)
RSA PACKAGE (QFN)
(TOP VIEW)
(TOP VIEW)
CAUTION: The thermal pad is internally connected to the substrate. This pad can be connected to the analog
ground or left floating. Keep the thermal pad separate from the digital ground, if possible.
ADS7229
ADS7230
PW PACKAGE (TSSOP)
PW PACKAGE (TSSOP)
(TOP VIEW)
(TOP VIEW)
NC = No internal connection
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com