Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 21 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CP1008 Datasheet HTML 17Page - Texas Instruments CP1008 Datasheet HTML 18Page - Texas Instruments CP1008 Datasheet HTML 19Page - Texas Instruments CP1008 Datasheet HTML 20Page - Texas Instruments CP1008 Datasheet HTML 21Page - Texas Instruments CP1008 Datasheet HTML 22Page - Texas Instruments CP1008 Datasheet HTML 23Page - Texas Instruments CP1008 Datasheet HTML 24Page - Texas Instruments CP1008 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
High Impedance Mode
Output Inductor and Capacitance Selection Guidelines
OUT
OUT
1
=
o
2
L
C
f
p
´
´
(1)
Pre-Regulator Application
State Machine Table and State Diagram
bq24152
www.ti.com ...................................................................................................................................................................................................... SLUS847 – JUNE 2008
When control bit of HZ-MODE is set to "1" and the OTG pin is not in active status, the bq24152 operates in high
impedance mode, with the impedance in VBUS pin higher than 165 k
Ω. In high impedance mode, a crude
32-second timer is enabled when the battery voltage is below V(LOWV) to monitor the host control is available or
not. If the crude 32 second timer expires, the bq24152 operates in 32 minute mode and the crude 32 second
timer is disabled. In 32 minute mode, when VBUS is below UVLO, the bq24152 operates in high impedance
mode regardless of the setting of the HZ_MODE bit.
The bq24152 provides internal loop compensation. With this scheme, the best stability occurs when the LC
resonant frequency, ƒo, is approximately 40 kHz (20 kHz to 80 kHz). Equation 1 is used to calculate the value of
the output inductor, LOUT, and output capacitor, COUT.
To reduce the output voltage ripple, a ceramic capacitor with the capacitance between 4.7
µF and 47 µF is
recommended for COUT, see the application section for components selection.
Figure 2 shows a typical pre-regulator application that the bq24152 operates as a DC/DC converter, with the
termination disabled. The robust internal compensation design ensures the stable operation when the
host-controlled switch is turned off. With the input overvoltage protection, output current regulation and high
efficiency power conversion, the bq24152 is an ideal choice for pre-regulator used in pulse charging applications.
Based on the previously-described operation modes, the definitions of all operation states are shown in Table 3
and Table 4, whereas the relationship among different states is shown in Figure 26.
Table 3. State Machine Table 1 of bq24152
MODE
POWER DOWN
CHARGE CONFIGURE
SHORT CIRCUIT
PWM CHARGE
OPA_MODE = 0
OPA_MODE = 0
OPA_MODE = 0
HZ_MODE = 0
HZ_MODE = 0
HZ_MODE = 0
OTG Inactive
OTGIinactive
OTG Inactive
VBUS > UVLO
VBUS < VBUS(MIN)
VBUS < VBUS(MIN)
VBUS < UVLO
IN Condition
VBUS < VBUS(MIN)
VBUS < V(SLP_ENT)
VBUS < V(SLP_ENT)
V(AUXPWR) < V(SHORT)
or
+V(SLP_EXIT)
+V(SLP_EXIT)
VBUS < V(SLP_ENT)
V(AUXPWR) < V(SHORT)
V(AUXPWR) < V(SHORT)
or
CE = Low
CE = Low
CE = HIGH
No Faults
No Faults
OPA_MODE = 1
OPA_MODE = 1
OPA_MODE = 1
or HZ_MODE = 1
or HZ_MODE = 1
or HZ_MODE = 1
VBUS < VBUS(MIN)
VBUS < VBUS(MIN)
or
VBUS < V(SLP_ENT)
VBUS < V(SLP_ENT)
VBUS > UVLO
VBUS > VBUS(MIN)
OUT Condition
or
or
V(AUXPWR) > V(SHORT)
VBUS > V(SLP_ENT)
V(AUXPWR) < V(SHORT)
V(AUXPWR) < V(SHORT)
+ V(SLP_EXIT)
CE = HIGH
CE = HIGH
or VBUS > UVLO
or Faults
or Faults
OTG Active
or OTG Active
or OTG Active
I2C
Off
On
On
On
Buck
Off
Off
Off
On
I(SHORT)
Off
Off
On
Off
Boost
Off
Off
Off
Off
Q1
Off
On/Off
On
On
Note
POR when out
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): bq24152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com