Electronic Components Datasheet Search
  English  ▼

X  

DAC8164C Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC8164C
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8164C Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC8164C Datasheet HTML 13Page - Texas Instruments DAC8164C Datasheet HTML 14Page - Texas Instruments DAC8164C Datasheet HTML 15Page - Texas Instruments DAC8164C Datasheet HTML 16Page - Texas Instruments DAC8164C Datasheet HTML 17Page - Texas Instruments DAC8164C Datasheet HTML 18Page - Texas Instruments DAC8164C Datasheet HTML 19Page - Texas Instruments DAC8164C Datasheet HTML 20Page - Texas Instruments DAC8164C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
1200
1000
800
600
0
1M
100
1k
10k
100k
10
Frequency(Hz)
400
200
ZeroScale
Mid-Scale
FullScale
InternalReferenceEnabled
NoLoadatV
H/V
OUTPin
REF
REF
400
350
300
250
0
1M
100
1k
10k
100k
10
Frequency(Hz)
200
150
NoLoadonReference
4.8 FCapacitor
OnReference
m
50
100
DAC=Full-Scale
InternalReferenceEnabled
4.8 FversusNoLoadatV
H/V
OUTPin
m
REF
REF
Time(2s/div)
6 V(peak-to-peak)
m
DAC=Mid-Scale
InternalReferenceEnabled
DAC8164
www.ti.com ......................................................................................................................................... SBAS410A – FEBRUARY 2008 – REVISED FEBRUARY 2008
TYPICAL CHARACTERISTICS: DAC at AVDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
DAC OUTPUT NOISE DENSITY
DAC OUTPUT NOISE DENSITY
vs FREQUENCY(1)
vs FREQUENCY(2)
Figure 54.
Figure 55.
DAC OUTPUT NOISE
0.1Hz TO 10Hz
Figure 56.
(1)
Explained in more detail in the Application Information section of this data sheet.
(2)
See the Application Information section for more information.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC8164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com