Electronic Components Datasheet Search
  English  ▼

X  

DAC8164C Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC8164C
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8164C Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC8164C Datasheet HTML 17Page - Texas Instruments DAC8164C Datasheet HTML 18Page - Texas Instruments DAC8164C Datasheet HTML 19Page - Texas Instruments DAC8164C Datasheet HTML 20Page - Texas Instruments DAC8164C Datasheet HTML 21Page - Texas Instruments DAC8164C Datasheet HTML 22Page - Texas Instruments DAC8164C Datasheet HTML 23Page - Texas Instruments DAC8164C Datasheet HTML 24Page - Texas Instruments DAC8164C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Temperature( C)
°
40
-40
-20
0
4
3
2
1
0
-1
20
60
80
100
120
AV
=2.7V
DD
InternalV
Enabled
REF
ChC
ChA
ChB
ChD
Temperature( C)
°
40
-40
-20
0
0.50
0.25
0
-0.25
-0.50
20
60
80
100
120
AV
DD =2.7V
InternalV
Enabled
REF
ChC
ChA
ChB
ChD
3.0
2.5
2.0
1.5
0
20
5
10
15
0
I
(mA)
SOURCE/SINK
AV
=2.7V,ChA
DD
InternalReferenceEnabled
1.0
0.5
DACLoadedwith3FFFh
DACLoadedwith0000h
3.0
2.5
2.0
1.5
0
20
5
10
15
0
I
(mA)
SOURCE/SINK
AV
=2.7V,ChB
DD
InternalReferenceEnabled
1.0
0.5
DACLoadedwith3FFFh
DACLoadedwith0000h
3.0
2.5
2.0
1.5
0
20
5
10
15
0
I
(mA)
SOURCE/SINK
AV
=2.7V,ChC
DD
InternalReferenceEnabled
1.0
0.5
DACLoadedwith3FFFh
DACLoadedwith0000h
3.0
2.5
2.0
1.5
0
20
5
10
15
0
I
(mA)
SOURCE/SINK
AV
=2.7V,ChD
DD
InternalReferenceEnabled
1.0
0.5
DACLoadedwith3FFFh
DACLoadedwith0000h
DAC8164
www.ti.com ......................................................................................................................................... SBAS410A – FEBRUARY 2008 – REVISED FEBRUARY 2008
TYPICAL CHARACTERISTICS: DAC at AVDD = 2.7V (continued)
At TA = +25°C, internal reference used, and DAC output not loaded, all DAC codes in straight binary data format, unless
otherwise noted
OFFSET ERROR
FULL-SCALE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 72.
Figure 73.
SOURCE AND SINK
SOURCE AND SINK
CURRENT CAPABILITY
CURRENT CAPABILITY
Figure 74.
Figure 75.
SOURCE AND SINK
SOURCE AND SINK
CURRENT CAPABILITY
CURRENT CAPABILITY
Figure 76.
Figure 77.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC8164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com