Electronic Components Datasheet Search
  English  ▼

X  

NSSM009XT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSSM009XT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM009XT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSSM009XT Datasheet HTML 2Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 3Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 4Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 5Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 6Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 7Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 8Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 9Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
-5-
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
60sec.Max.
Above 220°C
1 ~ 5°C / sec.
1 ~ 5°C / sec.
180 ~ 200°C
<
1 : Lead Solder>
<
2 : Lead-free Solder>
Pre-heating
240°C Max.
10sec. Max.
60sec.Max.
Above 200
°C
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
120sec.Max.
Nichia
STSE-CM6042A-1
<Cat.No.061208>
(4) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip soldering method.
· Recommended soldering conditions
Reflow Soldering
Hand Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120
~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature - profile
1.
180
~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature - profile
2.
(N2 reflow is recommended.)
Temperature
Soldering time
350°C Max.
3 sec. Max.
(one time only)
Although the recommended soldering conditions are specified in the above table, reflow or hand
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a double-head soldering iron should be used.
It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(Unit : mm)
2.75
3
8.75
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com