Electronic Components Datasheet Search
  English  ▼

X  

NSSM009XT Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSSM009XT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM009XT Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSSM009XT Datasheet HTML 5Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 6Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 7Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 8Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 9Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 10Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 11Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 12Page - NICHIA CORPORATION NSSM009XT Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BLUE
RED
GREEN
Radiation Angle
Directivity
Y-Y
X-X
-90°
30°
0°
-30°
-60°
60° 90°
-90°
30°
0°
-30°
-60°
60° 90°
1.2
0.8
0.6
0.2
0
0.4
1.0
400 450 500 550 600 650 700
1.0
0.5
0
1.0
0.5
0
Spectrum
Radiation Angle
(Ta=25°C, IFP=20mA)
Wavelength
(nm)
λ
(Ta=25°C, IF=20mA)
(Ta=25°C, IFP=20mA)
BLUE
RED
GREEN
X
Y
X
Y
CHARACTERISTICS
Model
NSSM009B
NICHIA CORPORATION Title
No.
060403651191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com