Electronic Components Datasheet Search
  English  ▼

X  

V54C3256404VT Datasheet(PDF) 49 Page - Mosel Vitelic, Corp

Part # V54C3256404VT
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256404VT Datasheet(HTML) 49 Page - Mosel Vitelic, Corp

Back Button V54C3256404VT Datasheet HTML 44Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 45Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 46Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 47Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 48Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 49Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 50Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 51Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 52Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
V54C3256(16/80/40)4V(T/S/B) Rev. 1.6 September 2002
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
Package Diagram
54-Pin Plastic TSOP-II (400 mil)
0.881 -0.01
[22.38 -0.25]
0.031
[0.80]
.004 [0.1]
54
Index Marking
M
28
1
Does not include plastic or metal protrusion of 0.15 max. per side
1
27
0.047 [1.20] MAX
0.04
±0.002
[1
±0.05]
Unit in inches [mm]
0.400
±0.005
[10.16
±0.13]
0.463
± 0.008
[11.76
± 0.20]
0.006 [0.15] MAX
+0.004
-0.002
0.024
± 0.008
[0.60
± .020]
1
0.006
+0.01
-0.05
0.15
.008 [0.2]
54x
+0.002
-0.004
0.016
+0.05
-0.10
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com