Electronic Components Datasheet Search
  English  ▼

X  

V54C3256404VT Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V54C3256404VT
Description  256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3256404VT Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V54C3256404VT Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 9Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 10Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 11Page - Mosel Vitelic, Corp V54C3256404VT Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MOSEL VITELIC
V54C3256(16/80/40)4V(T/S/B)
8
V54C3256(16/80/40)4V(T/S/B) Rev1.6 September
Capacitance*
TA = 0 to 70°C, VCC = 3.3 V ± 0.3 V, f = 1 Mhz
*
Note:Capacitance is sampled and not 100% tested.
Absolute Maximum Ratings*
Operating temperature range .................. 0 to 70 °C
Storage temperature range ................-55 to 150 °C
Input/output voltage.................. -0.3 to (VCC+0.3) V
Power supply voltage .......................... -0.3 to 4.6 V
Power dissipation ..............................................1 W
Data out current (short circuit).......................50 mA
*Note:
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Symbol
Parameter
Max. Unit
CI1
Input Capacitance (A0 to A12)
5
pF
CI2
Input Capacitance
RAS, CAS, WE, CS, CLK, CKE, DQM
5pF
CIO
Output Capacitance (I/O)
6.5
pF
CCLK
Input Capacitance (CLK)
4
pF
Block Diagram
Row decoder
Memory array
Bank 0
8192 x 512
x 16 bit
Row decoder
Memory array
Bank 1
8192 x 512
x16 bit
Row decoder
Memory array
Bank 2
8192 x 512
x 16 bit
Row decoder
Memory array
Bank 3
8192 x 512
x 16 bit
Input buffer
Output buffer
I/O1-I/O16
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A12, BA0, BA1
A0 - A8, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses
x16 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com