Electronic Components Datasheet Search
  English  ▼

X  

TAS5701 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5701 Datasheet HTML 3Page - Texas Instruments TAS5701 Datasheet HTML 4Page - Texas Instruments TAS5701 Datasheet HTML 5Page - Texas Instruments TAS5701 Datasheet HTML 6Page - Texas Instruments TAS5701 Datasheet HTML 7Page - Texas Instruments TAS5701 Datasheet HTML 8Page - Texas Instruments TAS5701 Datasheet HTML 9Page - Texas Instruments TAS5701 Datasheet HTML 10Page - Texas Instruments TAS5701 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ABSOLUTE MAXIMUM RATINGS
TAS5701
www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
5-V
TERMINATION
I/O(1)
DESCRIPTION
TOLERANT
(2) (3)
NAME
NO.
RESET
16
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic
low to this terminal. RESET is an asynchronous control signal that
sets the VALID outputs low, and places the PWM in the hard mute
state (stop switching). Gain is immediately set to full attenuation.
Upon the release of RESET, if PDN is high, the system performs a
4-ms to 5-ms device initialization and sets the gain and format to the
settings determined by the hardware pins.
SCLK
23
DI
5-V
Serial audio data clock (shift clock). SCLK is the serial audio port
input data bit clock.
SDIN1
25
DI
5-V
Serial audio data 1 input is one of the serial data input ports. SDIN1
supports three discrete (stereo) data formats.
SDIN2
24
DI
5-V
Serial audio data 2 input is one of the serial data input ports. SDIN2
supports three discrete (stereo) data formats.
SUB_PWM–
39
DO
Subwoofer negative PWM output. BD modulated signal.
SUB_PWM+
40
DO
Subwoofer positive PWM output. BD modulated signal.
TEST1
7
DI
Test pin. Connect directly to GND.
VALID
38
DO
Output indicating validity of ALL PWM channels, active-high. This pin
is connected to an external power stage. If no external power stage is
used, leave this pin floating.
VDD
6
P
Power supply for VREG (10.8 V to 13.2 V)
VR_ANA
14
P
Internally regulated 1.8-V analog supply voltage. This terminal must
not be used to power external devices.
VR_DIG
27
P
Internally regulated 1.8-V analog supply voltage. This terminal must
not be used to power external devices.
VREG
43
P
Digital regulator output. Not to be used for powering external circuitry.
VREG_EN
18
DI
Pulldown
Voltage regulator enable. Connect directly to GND.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
GVDD, VDD
–0.3 to 13.2
PVDD
–0.3 to 23
DVDD
–0.3 to 3.6
Supply voltage
V
AVDD
–0.3 to 3.6
OUT_X to GND_X
–0.3 to 30
BST_X to GND_X
–0.3 to 43.2
3.3-V digital input
–0.5 to DVDD + 0.5
Input voltage
V
5-V tolerant(2) digital input
–0.5 to DVDD + 2.5
Input clamp current, IIK (VI < 0 or VI > 1.8 V)
±20
mA
Output clamp current, IOK (VO < 0 or VO > 1.8 V)
±20
mA
Operating free-air temperature
0 to 85
°C
Operating junction temperature range
0 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under absolute ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under recommended operation conditions are
not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, SDIN2.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com