Electronic Components Datasheet Search
  English  ▼

X  

TAS5701 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5701 Datasheet HTML 14Page - Texas Instruments TAS5701 Datasheet HTML 15Page - Texas Instruments TAS5701 Datasheet HTML 16Page - Texas Instruments TAS5701 Datasheet HTML 17Page - Texas Instruments TAS5701 Datasheet HTML 18Page - Texas Instruments TAS5701 Datasheet HTML 19Page - Texas Instruments TAS5701 Datasheet HTML 20Page - Texas Instruments TAS5701 Datasheet HTML 21Page - Texas Instruments TAS5701 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
1/fS
(= 32 fS, 48 fS or 64 fS)
L-Channel
R-Channel
LRCK
SCLK
DATA
N−1 N−2
N−3
N−1
N−2
MSB
0
LSB
1
2
0
MSB
N–2
N–1
LSB
1
2
N–3
Left-Justified
1/fS
(= 32 fS, 48 fS, or 64 fS)
L-Channel
R-Channel
LRCK
SLCK
DATA
N−1
N−2
N−3
0
N−1
N−2
N−3
0
1
2
MSB
LSB
LSB
MSB
1
2
N–1
N–2
Right-Justified
TAS5701
SLOS559 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Figure 18. I2S Format
Left-justified (LJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when it
is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at 32,
48, or 64 × fs is used to clock in the data. The first bit of data appears on the data lines at the same time LRCLK
toggles. The data is written MSB first and is valid on the rising edge of the bit clock. The DAP masks unused
trailing data bit positions.
Figure 19. Left-Justified Format
Right-justified (RJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when
it is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at
32, 48, or 64 × fs is used to clock in the data. The first bit of data appears on the data 8 bit-clock periods (for
24-bit data) after LRCLK toggles. In RJ mode the LSB of data is always clocked by the last bit clock before
LRCLK transitions. The data is written MSB first and is valid on the rising edge of the bit clock. The DAP masks
unused leading data bit positions.
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com