Electronic Components Datasheet Search
  English  ▼

X  

TLK2211RCPR Datasheet(PDF) 12 Page - Texas Instruments

Part # TLK2211RCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2211RCPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK2211RCPR Datasheet HTML 8Page - Texas Instruments TLK2211RCPR Datasheet HTML 9Page - Texas Instruments TLK2211RCPR Datasheet HTML 10Page - Texas Instruments TLK2211RCPR Datasheet HTML 11Page - Texas Instruments TLK2211RCPR Datasheet HTML 12Page - Texas Instruments TLK2211RCPR Datasheet HTML 13Page - Texas Instruments TLK2211RCPR Datasheet HTML 14Page - Texas Instruments TLK2211RCPR Datasheet HTML 15Page - Texas Instruments TLK2211RCPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LVTTL OUTPUT SWITCHING CHARACTERISTICS
TRANSMITTER TIMING REQUIREMENTS
TLK2211
SLLS873B – MAY 2008 – REVISED JULY 2008 ................................................................................................................................................................ www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr(RBC)
Clock rise time
80% to 20% output voltage, C = 5 pF (see Figure 7)
0.3
1.9
ns
tf(RBC)
Clock fall time
0.3
1.9
tr
Data rise timer
0.3
2.25
ns
tf
Data fall time
0.3
2.25
tsu(D3)
Data setup time (RD0..RD9)
TBI half-rate mode, Rω = 125 MHz (see Figure 2)
2.5
ns
th(D3)
Data hold time (RD0..RD9)
TBI half-rate mode, Rω = 125 MHz (see Figure 2)
1.5
ns
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu(D4)
Data setup time (TD0..TD9)
1.6
TBI modes
ns
th(D4)
Data hold time (TD0..TD9)
1
tr, tf
TD[0,9] Data rise and fall time
See Figure 7
2
ns
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TLK2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com