Electronic Components Datasheet Search
  English  ▼

X  

TLK2211RCPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLK2211RCPR
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2211RCPR Datasheet(HTML) 3 Page - Texas Instruments

  TLK2211RCPR Datasheet HTML 1Page - Texas Instruments TLK2211RCPR Datasheet HTML 2Page - Texas Instruments TLK2211RCPR Datasheet HTML 3Page - Texas Instruments TLK2211RCPR Datasheet HTML 4Page - Texas Instruments TLK2211RCPR Datasheet HTML 5Page - Texas Instruments TLK2211RCPR Datasheet HTML 6Page - Texas Instruments TLK2211RCPR Datasheet HTML 7Page - Texas Instruments TLK2211RCPR Datasheet HTML 8Page - Texas Instruments TLK2211RCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
BLOCK DIAGRAM
2:1
MUX
PRBS
Generator
10Bit
Registers
TD(0−9)
PRBSEN
LOOPEN
Parallelto
Serial
PhaseGenerator
Clock
REFCLK
Control
Logic
ENABLE
TESTEN
Interpolator
and
ClockExtraction
PRBS
Verification
SerialtoParallel
and
CommaDetect
Clock
RBC1
RBC0
SYNC/PASS
RD(0−9)
SYNCEN
RBCMODE
JTAG
Control
Register
JTMS
JTRSTN
JTDI
TCK
JTDO
2:1
MUX
2:1
MUX
Clock
Data
TXP
TXN
RXP
RXN
LOS
TLK2211
www.ti.com ................................................................................................................................................................ SLLS873B – MAY 2008 – REVISED JULY 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SIGNAL
Differential output transmit. TXP and TXN are differential serial outputs that interface to a copper
TXP
62
PECL
or an optical I/F module. TXP and TXN are put in a high-impedance state when LOOPEN is high
TXN
61
O
and are active when LOOPEN is low.
RXP
54
PECL
Differential input receive. RXP and RXN together are the differential serial input interface from a
copper or an optical I/F module.
RXN
52
I
Reference clock. REFCLK is an external input clock that synchronizes the receiver and transmitter
interface (100 MHz to 160 MHz). The transmitter uses this clock to register the input data
REFCLK
22
I
(TD0-TD9) for serialization.
The data (TDx) is registered on the rising edge of REFCLK.
Transmit data. During normal operation these inputs carry 10-bit parallel data output from a
2–4, 6–9,
protocol device to the transceiver for serialization and transmission. This 10-bit parallel data is
TD0–TD9
I
11–13
clocked into the transceiver on the rising edge of REFCLK and transmitted as a serial stream with
TD0 sent as the first bit.
45, 44, 43,
Receive data. These outputs carry 10-bit parallel data output from the transceiver to the protocol
41, 40, 39,
layer. The data is referenced to terminals RBC0 and RBC1, depending on the receive clock mode
RD0–RD9
O
38, 36, 35,
selected. RD0 is the first bit received.
34
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TLK2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com