Electronic Components Datasheet Search
  English  ▼

X  

ADS62P43 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P43
Description  DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P43 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS62P43 Datasheet HTML 17Page - Texas Instruments ADS62P43 Datasheet HTML 18Page - Texas Instruments ADS62P43 Datasheet HTML 19Page - Texas Instruments ADS62P43 Datasheet HTML 20Page - Texas Instruments ADS62P43 Datasheet HTML 21Page - Texas Instruments ADS62P43 Datasheet HTML 22Page - Texas Instruments ADS62P43 Datasheet HTML 23Page - Texas Instruments ADS62P43 Datasheet HTML 24Page - Texas Instruments ADS62P43 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
www.ti.com
ADS62P45, ADS62P44
ADS62P43, ADS62P42
SLAS561A – JULY 2007 – REVISED FEBRUARY 2008
Table 17.
A7–A0
D7
D6
D5
D4
D3
D2
D1
D0
(hex)
1D
0
0
0
0
0
0
<DECIMATION FILTER FREQ BANDS>
D1-D0
<DECIMATION FILTER FREQ BAND> Decimation filters
With decimate by 2, <DECIMATION RATE> = 000:
00
Low pass filter (–6 dB frequency at Fs/4)
01
High pass filter (–6 dB frequency at Fs/4)
10, 11
Unused
With decimate by 4, <DECIMATION RATE> = 001:
00
Low pass filter (-3 dB frequency at Fs/8)
01
Band pass filter (center frequency at 3Fs/16)
10
Band pass filter (center frequency at 5Fs/16)
11
High pass filter (-3 dB frequency at 3Fs/8)
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS62P45, ADS62P44 ADS62P43, ADS62P42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com