Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3080
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 2Page - Texas Instruments ISO3080 Datasheet HTML 3Page - Texas Instruments ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments ISO3080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
GND 2
Input
Generator
50 W
3 Vor 0 V
S1
3V
D
A
B
DE
VI
C includesfixtureand
L
instrumentation
capacitance
Generator: PRR =50 kHz ,50% duty cycle,
r< 6ns, tf < 6ns, Z = 50
t
0 Viftesting A output
,
3 ViftestingBoutput
50%
3V
VOL
tPZL
tPLZ
10%
VO
VI
5V
50%
50%
C =50pF±20%
L
R =110
±1%
L
W
0V
V
ID
IO
A
B
R
I B
I A
V
IC
V
A
V
B
VB
VA+
2
VO
Input
Generator
1.5 V
C includesfixtureand
L
instrumentationcapacitance
A
B
R VO
VI
RE
50 W
Generator: PRR=100 kHz, 50% duty cycle,
r < 6ns, t f < 6ns, ZO = 50 W
t
50%
50%
3 V
VOH
VOL
tf
tr
tPLH
tPHL
10%
90%
50%
50%
0 V
V
O
V
I
C =15pF
±20%
L
50%
VOH
tPZH
t pHZ
50%
3 V
90%
VI
VO
0 V
50%
VCC
Input
Generator
50 W
R
A
B
C includesfixture
L
andinstrumentation
capacitance
RE
VI
VO
CL= 15 pF±20%
S1
1kW
1.5 V
0 V
Generator:PRR=100 kHz, 50% duty cycle ,
r<6ns, tf<6ns, ZO = 50 W
t
±1%
ISO3080, ISO3086
ISO3082, ISO3088
SLOS581A – MAY 2008 – REVISED JUNE 2008 ............................................................................................................................................................... www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveform
Figure 7. Receiver Voltage and Current Definitions
Figure 8. Receiver Switching Test Circuit and Waveforms
Figure 9. Receiver Enable Test Circuit and Waveforms, Data Output High
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com