Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3080
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments ISO3080 Datasheet HTML 10Page - Texas Instruments ISO3080 Datasheet HTML 11Page - Texas Instruments ISO3080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
D
DE
RE
54 W
GND 1
VTEST
GND 2
A
B
GND1
S 1
1.5 Vor 0 V
0 Vor 1.5 V
Z
Y
2V
0.8V
C=0.1 F
1%
m
±
C=0.1 F 1%
m ±
VCC1
VCC2
1kW
54 W
CL =15pF
(includesprobeand
jigcapacitance)
V
orV
OH
OL
V
orV
OH
OL
DEVICE INFORMATION
ISO3080, ISO3086
ISO3082, ISO3088
SLOS581A – MAY 2008 – REVISED JUNE 2008 ............................................................................................................................................................... www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 13. Full-Duplex Common-Mode Transient Immunity Test Circuit
Table 1. Driver Function Table
ENABLE
INPUT
INPUT
OUTPUTS
(D)
VCC1
VCC2
(DE)
Y
Z
PU
PU
H
H
H
L
PU
PU
L
H
L
H
PU
PU
X
L
Z
Z
PU
PU
X
OPEN
Z
Z
PU
PU
OPEN
H
H
L
PD
PU
X
X
Z
Z
PU
PD
X
X
Z
Z
PD
PD
X
X
Z
Z
Table 2. Receiver Function Table
DIFFERENTIAL INPUT
ENABLE
OUTPUT
VCC1
VCC2
VID = (VA – VB)
(RE)
(R)
PU
PU
–0.01 V
≤ VID
L
H
PU
PU
–0.2 V < VID < –0.01 V
L
?
PU
PU
VID ≤ –0.2 V
L
L
PU
PU
X
H
Z
PU
PU
X
OPEN
Z
PU
PU
Open circuit
L
H
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com