Electronic Components Datasheet Search
  English  ▼

X  

PD518 Datasheet(PDF) 5 Page - Texas Instruments

Part # PD518
Description  EXPANDABLE FIVE-CHANNEL I2C HUB
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PD518 Datasheet(HTML) 5 Page - Texas Instruments

  PD518 Datasheet HTML 1Page - Texas Instruments PD518 Datasheet HTML 2Page - Texas Instruments PD518 Datasheet HTML 3Page - Texas Instruments PD518 Datasheet HTML 4Page - Texas Instruments PD518 Datasheet HTML 5Page - Texas Instruments PD518 Datasheet HTML 6Page - Texas Instruments PD518 Datasheet HTML 7Page - Texas Instruments PD518 Datasheet HTML 8Page - Texas Instruments PD518 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
Enable
Expansion
PCA9518
EXPANDABLE FIVE-CHANNEL I2C HUB
SCPS132A – JUNE 2006 – REVISED JULY 2007
EN1–EN4 are active-high enable pins and have internal pullup resistors. Each enable pin, ENn, controls its
associated SDAn and SCLn ports. When ENn is low, it isolates its corresponding SDAn and SCLn from the
system by blocking the inputs from SDAn and SCLn and disabling the output drivers on the SDAn and SCLn
pins. It is essential that the ENn change state only when both the global bus and the local port are in an idle
state to prevent system failures. EN1–EN4 also allow the use of open-drain drivers that can be wire-ORed to
create a distributed enable where either centralized control signal (master) or spoke signal (submaster) can
enable the channel when it is idle.
The PCA9518 has four open-drain I/O pins used for expansion. The internal state of the serial data within each
hub is communicated to other hubs through two expansion pins, EXPSDA1 and EXPSDA2. The EXPSDA1 pins
of all hubs are connected together to form an open-drain bus. Similarly, all EXPSDA2 pins, EXPSCL1 pins, and
EXPSCL2 pins are connected together, forming a 4-wire bus between hubs. When it is necessary to be able to
deselect every port, each expansion device contributes only four ports that can be enabled or disabled; the fifth
port does not have an enable pin. Pullup resistors are required on the EXPxxxx pins, even if only one PCA9518
is used.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com