Electronic Components Datasheet Search
  English  ▼

X  

PD518 Datasheet(PDF) 7 Page - Texas Instruments

Part # PD518
Description  EXPANDABLE FIVE-CHANNEL I2C HUB
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PD518 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PD518 Datasheet HTML 3Page - Texas Instruments PD518 Datasheet HTML 4Page - Texas Instruments PD518 Datasheet HTML 5Page - Texas Instruments PD518 Datasheet HTML 6Page - Texas Instruments PD518 Datasheet HTML 7Page - Texas Instruments PD518 Datasheet HTML 8Page - Texas Instruments PD518 Datasheet HTML 9Page - Texas Instruments PD518 Datasheet HTML 10Page - Texas Instruments PD518 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
Electrical Characteristics
PCA9518
EXPANDABLE FIVE-CHANNEL I2C HUB
SCPS132A – JUNE 2006 – REVISED JULY 2007
over recommended operating free-air temperature range, VCC = 3 V to 3.6 V, GND = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
3 V to 3.6 V
–1.2
V
SCLn, SDAn
IOL = 0
(2) or 6 mA
3 V to 3.6 V
0.45
0.52
0.7
VOL
V
EXPSCL, EXPSDA
IOL = 12 mA
3 V to 3.6 V
0.5
Low-level input voltage below
VOL – VILc
SCL, SDA
3 V to 3.6 V
70
mV
low-level output voltage
VI = 3.6 V
±1
SCLn, SDAn
VI = 0.2 V
1
II
VI = VCC
3 V to 3.6 V
±1
μA
EN1, EN2, EN3, EN4
VI = 0.2 V (input current LOW)
10
20
EXPSCL, EXPSDA
VI = 0.2 V
2
Quiescent supply current,
SDAn = SCLn = VCC,
1.75
6
Both channels high
EXPSCLn = EXPSDAn = VCC
Quiescent supply current,
One SDA and one SCL are at GND,
ICC
3.6 V
2.5
9
mA
Both channels low
while other SDA and SCL are open.
Quiescent supply current,
SDAn = SCLn = GND,
9
11
In contention
EXPSCLn = EXPSDAn = VCC
VI = 3.6 V
1
SDAx, SCLx power-off condition
Ioff
EN = L or H
0 V
μA
with static VCC
VI = GND
1
SDAx, SCLx power-off condition
II(ramp)
VI = 3.6 V,
EN = L or H
0 V to 3 V
1
μA
with VCC ramping up or down
SCLn, SDAn
8
9.5
CI
EN1, EN2, EN3, EN4
VI = 3 V or GND
3 V to 3.6 V
3
7
pF
EXPSCL, EXPSDA
6
8
(1)
All typical values are at 3.3-V supply voltage and TA = 25°C.
(2)
Test performed with IOL = 10 μA
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com