Electronic Components Datasheet Search
  English  ▼

X  

AD5750ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5750ACPZ
Description  Industrial Current/Voltage Output Driver, Programmable Ranges
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5750ACPZ Datasheet HTML 2Page - Analog Devices AD5750ACPZ Datasheet HTML 3Page - Analog Devices AD5750ACPZ Datasheet HTML 4Page - Analog Devices AD5750ACPZ Datasheet HTML 5Page - Analog Devices AD5750ACPZ Datasheet HTML 6Page - Analog Devices AD5750ACPZ Datasheet HTML 7Page - Analog Devices AD5750ACPZ Datasheet HTML 8Page - Analog Devices AD5750ACPZ Datasheet HTML 9Page - Analog Devices AD5750ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD5750
Preliminary Technical Data
Rev. P
rC | Page 6 of 25
Parameter
B grade1
A grade2
Unit
Test Conditions/Comments
Total Unadjusted Error (TUE)
±0.3
±0.3
% FSR max
With Internal Resistor
TUE TC
±20
±50
±20
±50
ppm typ
ppm max
With Internal Resistor
Bipolar Output
Relative Accuracy (INL)
±0.02
±0.02
% FSR max
Bipolar Zero Error
0.0325
0.0325
% FSR typ
Error at analog input = mid scale
Bipolar Zero TC
TBD
TBD
ppm % FSR max
Offset Error
0.01
0.01
% FSR typ
Error at analog input = 10mv
Zero Scale Error
0.01
0.01
% FSR typ
Error at analog input = 0.0v
Zero Scale TC
TBD
TBD
ppm % FSR max
Gain Error
0.003
0.003
% FSR typ
(Ideal Span – Measured Span)/Ideal Span
Gain Error TC
TBD
TBD
ppm % FSR max
Full Scale Error
0.01
0.01
% FSR typ
Error at analog input = 4.096v (FS)
Full Scale Error TC
TBD
TBD
ppm % FSR max
Unipolar Output
Relative Accuracy (INL)
±0.02
±0.02
% FSR max
Offset Error
0.01
0.01
% FSR typ
Error at analog input = 10mv
Zero Scale Error
0.01
0.01
% FSR typ
Error at analog input = 0.0v
Zero Scale TC
TBD
TBD
ppm % FSR max
Gain Error
0.005
0.005
% FSR typ
(Ideal Span – Measured Span)/Ideal Span
Gain Error TC
TBD
TBD
ppm % FSR max
Full Scale Error
0.01
0.01
% FSR typ
Error at analog input = 4.096v (FS)
Full Scale Error TC
TBD
TBD
ppm % FSR max
CURRENT MODE
OVERRANGES
0 to 24.5
0 to 24.5
mA
SEE FEATURES SECTION
0 to 20.4
0 to 20.4
mA
SEE FEATURES SECTION
4 to 20.4
4 to 20.4
mA
SEE FEATURES SECTION
OUTPUT CHARACTERISTICS
Current Loop Compliance
Voltage
AVDD – 2.5
AVDD – 2.5
V max
Resistive Load
See
Comment
See
Comment
kΩ max
Chosen such that compliance is not exceeded.
Inductive Load
0.1
0.1
H max
0.1% Settling Time
10
10
us
DC PSRR
1
1
μA/V max
Output Impedance
25
25
MΩ typ
REFERENCE INPUT
Reference Input
Reference Input Voltage
4.096
4.096
V nom
±1% for specified performance
Input Leakage Current
1
1
uA max
DIGITAL INPUTS
DVCC = 2.7 V to 5.5 V, JEDEC compliant
VIH, Input High Voltage
2
2
V min
VIL, Input Low Voltage
0.8
0.8
V max
Input Current
±1
±1
μA max
Per pin
Pin Capacitance
10
10
pF typ
Per pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com