Electronic Components Datasheet Search
  English  ▼

X  

AD5750ACPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD5750ACPZ
Description  Industrial Current/Voltage Output Driver, Programmable Ranges
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750ACPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5750ACPZ Datasheet HTML 17Page - Analog Devices AD5750ACPZ Datasheet HTML 18Page - Analog Devices AD5750ACPZ Datasheet HTML 19Page - Analog Devices AD5750ACPZ Datasheet HTML 20Page - Analog Devices AD5750ACPZ Datasheet HTML 21Page - Analog Devices AD5750ACPZ Datasheet HTML 22Page - Analog Devices AD5750ACPZ Datasheet HTML 23Page - Analog Devices AD5750ACPZ Datasheet HTML 24Page - Analog Devices AD5750ACPZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AD5750
Preliminary Technical Data
Rev. P
rC | Page 22 of 25
FEATURES
OUTPUT FAULT ALERT – SOFTWARE MODE
In Software mode, the AD5750 is equipped with one FAULT
pin, this is an open-drain output allowing several AD5750
devices to be connected together to one pull-up resistor for
global fault detection. In software control mode, the FAULT pin
is forced active high by any one of the following fault scenarios;
1)
The Voltage at IOUT attempts to rise above the
compliance range, due to an open-loop circuit or
insufficient power supply voltage. The internal
circuitry that develops the fault output avoids using a
comparator with “window limits” since this would
require an actual output error before the FAULT
output becomes active. Instead, the signal is generated
when the internal amplifier in the output stage has less
than approximately one volt of remaining drive
capability. Thus the FAULT output activates slightly
before the compliance limit is reached. Since the
comparison is made within the feedback loop of the
output amplifier, the output accuracy is maintained by
its open-loop gain and an output error does not occur
before the FAULT output becomes active.
2)
A short is detected on the voltage output pin. Short
circuit current limited to 25ma.
3)
An interface error is detected due to the PEC error
checking failure. See PEC error checking section.
4)
A range change is detected without the user writing to
the Interface.
5)
If the core temperature of the AD5750 exceeds approx.
150°C.
OUTPUT FAULT ALERT – HARDWARE MODE
In hardware mode, the AD5750 is equipped with 3 FAULT pins,
VFAULT, IFAULT, TEMP. These are an open-drain outputs
allowing several AD5750 devices to be connected together to
one pull-up resistor for global fault detection. In hardware
control mode, these fault pins are forced active by any one of
the following fault scenarios;
1)
Open Circuit Detect. The Voltage at IOUT attempts to
rise above the compliance range, due to an open-loop
circuit or insufficient power supply voltage. The
internal circuitry that develops the fault output avoids
using a comparator with “window limits” since this
would require an actual output error before the
FAULT output becomes active. Instead, the signal is
generated when the internal amplifier in the output
stage has less than approximately one volt of
remaining drive capability. Thus the FAULT output
activates slightly before the compliance limit is
reached. Since the comparison is made within the
feedback loop of the output amplifier, the output
accuracy is maintained by its open-loop gain and an
output error does not occur before the FAULT output
becomes active.
If this fault is detected the IFAULT pin is forced low.
2)
A short is detected on the voltage output pin. Short
circuit current limited to 25ma. If this fault is detected
the VFAULT pin is forced low.
3)
If the core temperature of the AD5750 exceeds approx.
150°C. If this fault is detected the TEMP pin is forced
low.
VOLTAGE OUTPUT SHORT CIRCUIT PROTECTION
Under normal operation the voltage output will sink/source
5mA and maintain specified operation. The maximum current
that the voltage output will deliver is 15mA, this is the short
circuit current.
ASYNCHRONOUS CLEAR (CLEAR)
CLEAR is an active high clear that allows the voltage output to
be cleared to either zero-scale code or mid-scale code, user-
selectable via the CLRSEL pin or the CLRSEL bit of the INPUT
register as described in Table 6. (The Clear select feature is a
logical OR function of the CLR SELECT pin and the CLRSEL
bit). The Current loop output will clear to the bottom of its
programmed range. It is necessary to maintain CLEAR high for a
minimum amount of time (see Figure 2) to complete the
operation. When the CLEAR signal is returned low, the output
returns to its programmed value or a new value if programmed.
A clear operation can also be performed via the CLEAR
command in the control register.
Table 11. CLEAR SELECT Options
CLR
SELECT
Output CLR Value
Unipolar Output Voltage
Range
Bipolar Output
Range
0
0 V
Negative Full-Scale
1
Mid-Scale
0 V
Unipolar Current Output
Range
Bipolar Current
Output Range
0
Zero-Scale e.g.
4ma on 4-20ma
0ma on 0-20ma etc...
Zero Scale e.g.
-24ma on +/-24ma
1
Mid-Scale e.g.
12ma on 4-20ma
10ma on 0-20ma
Mid-Scale e.g.
0ma on +/-24ma
EXTERNAL CURRENT SETTING RESISTOR
Referring to Figure 1, RSET is an internal sense resistor as part
of the voltage to current conversion circuitry. The nominal
value of internal current sense resistor is 15k ohm. To allow for
overrange capability in current mode, the user can also select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com