Electronic Components Datasheet Search
  English  ▼

X  

AD8253 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8253
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8253 Datasheet HTML 7Page - Analog Devices AD8253 Datasheet HTML 8Page - Analog Devices AD8253 Datasheet HTML 9Page - Analog Devices AD8253 Datasheet HTML 10Page - Analog Devices AD8253 Datasheet HTML 11Page - Analog Devices AD8253 Datasheet HTML 12Page - Analog Devices AD8253 Datasheet HTML 13Page - Analog Devices AD8253 Datasheet HTML 14Page - Analog Devices AD8253 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8253
Rev. 0 | Page 11 of 24
40
30
20
10
–10
–30
0
–20
–40
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 24. Gain Nonlinearity, G = 1, RL = 10 kΩ, 2 kΩ, 600 Ω
40
30
20
10
–10
–30
0
–20
–40
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 25. Gain Nonlinearity, G = 10, RL = 10 kΩ, 2 kΩ, 600 Ω
80
60
40
20
–20
–60
0
–40
–80
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 26. Gain Nonlinearity, G = 100, RL = 10 kΩ, 2 kΩ, 600 Ω
400
300
200
100
–100
–300
0
–200
–400
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 27. Gain Nonlinearity, G = 1000, RL = 10 kΩ, 2 kΩ, 600 Ω
16
–16
–16
16
OUTPUT VOLTAGE (V)
12
8
4
0
–4
–8
–12
–12
–8
–4
0
4
8
12
VS = ±5V
0V, –4.2V
0V, –14.2V
0V, +13.9V
–14.1V, +7.3V
–14.1V, –7.3V
+13.8V, –7.3V
+13.8V, +7.3V
–4V, –1.9V
–4V, +1.9V
+3.8V, –1.9V
+3.8V, +1.9V
0V, +3.8V
VS, ±15V
Figure 28. Input Common-Mode Voltage Range vs. Output Voltage, G = 1
16
–16
–16
16
OUTPUT VOLTAGE (V)
12
8
4
0
–4
–8
–12
–12
–8
–4
0
4
8
12
VS = ±5V
0V, –4.2V
0V, –14.1V
0V, +13.7V
–14.4V, +6V
–14.4V, –6V
+14.1V, +6V
+14.1V, –6V
–4.3V, –2V
–4.3V, +2V
+4.3V, –2V
+4.3V, +2V
0V, +3.8V
VS ±15V
Figure 29. Input Common-Mode Voltage Range vs. Output Voltage, G = 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com