Electronic Components Datasheet Search
  English  ▼

X  

AD8253 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8253
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8253 Datasheet HTML 12Page - Analog Devices AD8253 Datasheet HTML 13Page - Analog Devices AD8253 Datasheet HTML 14Page - Analog Devices AD8253 Datasheet HTML 15Page - Analog Devices AD8253 Datasheet HTML 16Page - Analog Devices AD8253 Datasheet HTML 17Page - Analog Devices AD8253 Datasheet HTML 18Page - Analog Devices AD8253 Datasheet HTML 19Page - Analog Devices AD8253 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8253
Rev. 0 | Page 16 of 24
THEORY OF OPERATION
10kΩ
10kΩ
10kΩ
10kΩ
REF
OUT
A3
–IN
+IN
WR
1.2kΩ
1.2kΩ
+VS
+VS
–VS
–VS
+VS
–VS
+VS
–VS
A1
A0
2.2kΩ
DGND
A1
A2
DIGITAL
GAIN
CONTROL
2.2kΩ
+VS
–VS
+VS
–VS
+VS
–VS
+VS
–VS
Figure 51. Simplified Schematic
Transparent Gain Mode
The AD8253 is a monolithic instrumentation amplifier based
on the classic 3-op-amp topology, as shown in Figure 51. It is
fabricated on the Analog Devices, Inc., proprietary iCMOS®
process that provides precision linear performance and a robust
digital interface. A parallel interface allows users to digitally
program gains of 1, 10, 100, and 1000. Gain control is achieved
by switching resistors in an internal precision resistor array (as
shown in Figure 51).
The easiest way to set the gain is to program it directly via a
logic high or logic low voltage applied to A0 and A1. Figure 52
shows an example of this gain setting method, referred to through-
out the data sheet as transparent gain mode. Tie WR to the
negative supply to engage transparent gain mode. In this mode,
any change in voltage applied to A0 and A1 from logic low to
logic high, or vice versa, immediately results in a gain change.
is the truth table for transparent gain mode, and
shows the AD8253 configured in transparent gain mode.
Table 5
Figure 52
All internal amplifiers employ distortion cancellation circuitry
and achieve high linearity and ultralow THD. Laser-trimmed
resistors allow for a maximum gain error of less than 0.03% for
G = 1 and a minimum CMRR of 100 dB for G = 1000. A pinout
optimized for high CMRR over frequency enables the AD8253
to offer a guaranteed minimum CMRR over frequency of 80 dB
at 20 kHz (G = 1). The balanced input reduces the parasitics
that in the past had adversely affected CMRR performance.
+15V
–15V
–15V
A0
A1
WR
+IN
+5V
+5V
–IN
10μF0.1µF
10μF0.1µF
G = 1000
DGND
DGND
REF
AD8253
NOTE:
1. IN TRANSPARENT GAIN MODE, WR IS TIED TO −VS.
THE VOLTAGE LEVELS ON A0 AND A1 DETERMINE
THE GAIN. IN THIS EXAMPLE, BOTH A0 AND A1 ARE
SET TO LOGIC HIGH, RESULTING IN A GAIN OF 1000.
GAIN SELECTION
This section describes how to configure the AD8253 for basic
operation. Logic low and logic high voltage limits are listed in
the Specifications section. Typically, logic low is 0 V and logic
high is 5 V; both voltages are measured with respect to DGND.
Refer to the specifications table (Table 2) for the permissible
voltage range of DGND. The gain of the AD8253 can be set
using two methods: transparent gain mode and latched gain
mode. Regardless of the mode, pull-up or pull-down resistors
should be used to provide a well-defined voltage at the A0 and
A1 pins.
Figure 52. Transparent Gain Mode, A0 and A1 = High, G = 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com