Electronic Components Datasheet Search
  English  ▼

X  

ADIS16365 Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16365
Description  Tri-Axis Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16365 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16365 Datasheet HTML 8Page - Analog Devices ADIS16365 Datasheet HTML 9Page - Analog Devices ADIS16365 Datasheet HTML 10Page - Analog Devices ADIS16365 Datasheet HTML 11Page - Analog Devices ADIS16365 Datasheet HTML 12Page - Analog Devices ADIS16365 Datasheet HTML 13Page - Analog Devices ADIS16365 Datasheet HTML 14Page - Analog Devices ADIS16365 Datasheet HTML 15Page - Analog Devices ADIS16365 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADIS16365
Preliminary Technical Data
Rev. PrA | Page 12 of 20
OUTPUT DATA REGISTERS
Table 8 provides the data configuration for each output data
register in the ADIS16365. Starting with the MSB of the upper
byte, each output data register has the following bit sequence:
new data (ND) flag, error/alarm (EA) flag, followed by 14 data
bits. The data bits are LSB-justified and, in the case of the 12-bit
data formats, the remaining two bits are not used. The ND flag
indicates that unread data resides in the output data registers.
This flag clears and returns to 0 during an output register read
sequence. It returns to 1 after the next internal sample update
cycle completes. The EA flag indicates an error condition. The
STATUS register contains all of the error flags and provides the
ability to investigate the root cause.
Table 8. Output Data Register Formats
Register
Bits
Format
Scale
SUPPLY_OUT1
12
Binary, +5V = 0x
2.418 mV
XGYRO_OUT2
14
Twos complement
0.05°/sec
YGYRO_OUT2
14
Twos complement
0.05°/sec
ZGYRO_OUT2
14
Twos complement
0.05°/sec
XACCL_OUT
14
Twos complement
3.33 mg
YACCL_OUT
14
Twos complement
3.33 mg
ZACCL_OUT
14
Twos complement
3.33 mg
XTEMP_OUT3
12
Binary, 25°C = 0x04FE
0.1453°C
YTEMP_OUT3
12
Binary, 25°C = 0x04FE
0.1453°C
ZTEMP_OUT3
12
Binary, 25°C = 0x04FE
0.1453°C
AUX_ADC
12
Binary = 0x04FE
0.8059 mV
1 5 V = 2730 LSBs (nominal).
2 Assumes that the scaling is set to 300°/sec. This factor scales with the range.
3 Typical condition, 25°C = 0 LSB.
CALIBRATION
Manual Bias Calibration
The bias offset registers in Table 9 and Table 10 provide a
manual adjustment function for each sensor’s output. For
example, if an output offset of 0.125°/sec is observed in the Z-
axis gyroscope, the ZGYRO_OFF register provides the
calibration factor necessary to improve the accuracy. Using the
sensitivity of 0.0125°/sec, an adjustment of −10 LSBs is
required. The twos complement, hexadecimal code of −10 LSBs
is 0x1FF6. See Table 11 for the DIN command.
Table 9. X,Y,ZGYRO_OFF Register Bits
Bits
Description
(Default = 0x0000)
[15:13]
Not used.
[12:0]
Data bits. Twos complement, 0.0125°/sec per LSB.
Typical adjustment range = ±50°/sec.
Table 10. X,Y,ZACCL_OFF Register Bits
Bits
Description
(Default = 0x0000)
[15:12]
Not used.
[11:0]
Data bits, Twos complement 3.3 mg/LSB.
Typical adjustment range = ±6 g.
Automatic Bias Null Calibration
This single-command calibration function is in the
COMMAND register and measures all three-gyroscope output
registers, then loads the three bias correction registers with
values that return their outputs to zero (null). See Table 11 for
the DIN command.
Precision Automatic Bias Null Calibration
This single-command calibration function is in the COMMAND
register and incorporates a 30-second average of all three gyro-
scope output registers, then loads the three bias correction
registers with values that return their outputs to zero (null). For
optimal calibration accuracy, the device should be stable (no
motion) for this entire period. Once it has started, a reset is the
only way to stop it prematurely, if required. See Table 11 for the
DIN command.
Restoring Factory Calibration
This single command is in the COMMAND register and restores
the factory calibration by writing 0x0000 into each bias offset
register listed in Table 9 and Table 10. This command also flushes
all of the data from the digital filter taps. See Table 11 for the
DIN command.
Linear Acceleration Bias Compensation (Gyroscopes)
This function enables compensation for low-frequency
acceleration influences on gyroscope bias behavior, using the
MSC_CTRL register. See Table 11 for the DIN command.
Linear Acceleration Origin Alignment
This function enables origin alignment for the accelerometers
to the point of percussion (see Figure 6), using the MSC_CTRL
register. See Table 11 for the DIN command.
Table 11. Calibration Commands
Calibration Function
DIN Word(s)
Adjust Z-Axis Gyroscope Bias by −0.125°/sec:
Write 0x1F to 0x1F
Write 0xF6 to 0x1E (ZGYRO_OFF)
0x9E1F
0x9FF6
Automatic Bias Null:
Write 0x01 to 0x3E (COMMAND)
0xBE01
Precision Automatic Bias Null:
Write 0x10 to 0x3E (COMMAND)
0xBE10
Factory Calibration Restore:
Write 0x02 to 0x3E (COMMAND)
0xBE02
Enable Linear Acceleration Bias
Compensation for the Gyroscopes:
Write 0x86 to 0x34 (MSC_CTRL)
0xB486
Enable Origin Alignment for the
Accelerometer Sensors:
Write 0x46 to 0x34 (MSC_CTRL)
0xB446
The last two entries assume factory default conditions for the
MSC_CTRL register. The contents may vary, depending on the
other MSC_CTRL settings. See Table 17 for further description
of each bit in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com