Electronic Components Datasheet Search
  English  ▼

X  

ADIS16365 Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16365
Description  Tri-Axis Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16365 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16365 Datasheet HTML 10Page - Analog Devices ADIS16365 Datasheet HTML 11Page - Analog Devices ADIS16365 Datasheet HTML 12Page - Analog Devices ADIS16365 Datasheet HTML 13Page - Analog Devices ADIS16365 Datasheet HTML 14Page - Analog Devices ADIS16365 Datasheet HTML 15Page - Analog Devices ADIS16365 Datasheet HTML 16Page - Analog Devices ADIS16365 Datasheet HTML 17Page - Analog Devices ADIS16365 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADIS16365
Preliminary Technical Data
Rev. PrA | Page 14 of 20
Dynamic Range
There are three dynamic range settings: ±75°/sec, ±150°/sec,
and ±300°/sec. The lower dynamic range settings (75, 150) limit
the minimum filter tap sizes to maintain the resolution as the
measurement range decreases. The recommended order for
programming the SENS/AVG register is upper byte (sensitivity),
followed by lower byte (filtering). The contents of the
SENS/AVG register are nonvolatile.
Table 15. SENS/AVG Bit Descriptions
Bits
Value
Description
(Default = 0x0000)
[15:11]
Not used
[10:8]
Measurement range (sensitivity) selection
100
300°/sec (default condition)
010
150°/sec, filter taps ≥ 4 (Bits[2:0] ≥ 0x02)
001
75°/sec, filter taps ≥ 16 (Bits[2:0] ≥ 0x04)
[7:3]
Not used
[2:0]
Filter tap setting, number of taps, N = 2M;
for example, 011, N = 23 = 8 taps
INPUT/OUTPUT FUNCTIONS
The ADIS16365 provides several input/output functions,
including a 12-bit ADC, a 12-bit DAC, and four general
purpose, digital input/output lines that have several
configuration options.
Auxiliary ADC
The auxiliary ADC is a standard 12-bit ADC that digitizes other
system-level analog signals. The output of the ADC can be moni-
tored through the AUX_ADC register, as defined in Table 8.
The ADC is a 12-bit successive approximation converter. The
output data is presented in straight binary format with the full-
scale range extending from 0 V to 3.3 V.
Figure 17 shows the equivalent circuit of the analog input
structure of the ADC. The input capacitor (C1) is typically 4 pF
and can be attributed to parasitic package capacitance. The two
diodes provide ESD protection for the analog input. Care must
be taken to ensure that the analog input signals are never outside
the range of −0.3 V to +3.5 V. Signals outside this range cause
the diodes to become forward-biased and to start conducting.
The diodes can handle 10 mA without causing irreversible
damage. The resistor is a lumped component that represents
the on resistance of the switches. The value of this resistance is
typically 100 Ω. Capacitor C2 represents the ADC sampling
capacitor and is typically 16 pF.
VCC
C2
C1
R1
D
D
Figure 17. Equivalent Analog Input Circuit
Conversion Phase: Switch Open
Track Phase: Switch Closed
For ac applications, it is recommended that high frequency
components from the analog input signal be removed by using
a low-pass filter on the analog input pin.
In applications where harmonic distortion and signal-to-noise
ratios are critical, the analog input must be driven from a low
impedance source. Large source impedances significantly affect
the ac performance of the ADC. This can necessitate the use of
an input buffer amplifier. When no input amplifier is used to drive
the analog input, the source impedance should be limited to
values lower than 1 kΩ.
Auxiliary DAC
The auxiliary DAC provides a 12-bit level adjustment function.
The AUX_DAC register controls the operation of the auxiliary
DAC function, which is useful for systems that require analog
level controls. It offers a rail-to-rail buffered output that has a
range of 0 V to 3.3 V. The DAC can drive its output to within
5 mV of the ground reference when it is not sinking current.
As the output approaches ground, the linearity begins to degrade
(100 LSB beginning point). As the sink current increases, the
nonlinear range increases. The DAC output latch function,
contained in the COMMAND register, provides continuous
operation while writing to each byte of this register. The
contents of this register are volatile, which means that the
desired output level must be set after every reset and power
cycle event.
Table 16. AUX_DAC Bit Descriptions
Bit
Description
(Default = 0x0000)
[15:12]
Not used
[11:0]
Data bits, scale factor = 0.8059 mV/code
Offset binary format, 0 V = 0 codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com