Electronic Components Datasheet Search
  English  ▼

X  

ADP130 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP130
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130 Datasheet(HTML) 4 Page - Analog Devices

  ADP130 Datasheet HTML 1Page - Analog Devices ADP130 Datasheet HTML 2Page - Analog Devices ADP130 Datasheet HTML 3Page - Analog Devices ADP130 Datasheet HTML 4Page - Analog Devices ADP130 Datasheet HTML 5Page - Analog Devices ADP130 Datasheet HTML 6Page - Analog Devices ADP130 Datasheet HTML 7Page - Analog Devices ADP130 Datasheet HTML 8Page - Analog Devices ADP130 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP130
Rev. 0 | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 0.8 V
29
μV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 1.2 V
38
μV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 1.5 V
43
μV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 2.5 V
61
μV rms
10 Hz to 100 kHz, VIN = 3.6 V, VOUT = 3.0 V
77
μV rms
POWER SUPPLY REJECTION RATIO
PSRR
Modulated bias, 10 kHz, VOUT = 3.0 V, VIN = 3.6 V,
VBIAS = 5 V
70
dB
Modulated bias, 100 kHz, VOUT = 3.0 V, VIN = 3.6 V,
VBIAS = 5 V
53
dB
Modulated VIN, 10 kHz, VOUT = 1.2 V, VIN = VOUT + 1 V,
VBIAS = 5 V
70
dB
Modulated VIN, 100 kHz, VOUT = 1.2 V, VIN = VOUT + 1 V,
VBIAS = 5 V
54
dB
Modulated VIN, 10 kHz, VOUT = 0.8 V, VIN = VOUT + 1 V,
VBIAS = 5 V
70
dB
Modulated VIN, 100 kHz, VOUT = 0.8 V, VIN = VOUT + 1 V,
VBIAS = 5 V
55
dB
1 IVIN = IGND − IBIAS, where IGND is the current flowing from the GND pin.
2 Based on an endpoint calculation using 1 mA and 350 mA loads.
3 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 1.3 V.
4 Start-up time is defined as the time from the rising edge of EN to VOUT being at 90% of its nominal value.
5 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 2.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 2.0 V, or 1.8 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
MINIMUM INPUT AND OUTPUT
CAPACITANCE1
CMIN
TJ = −40°C to +125°C
0.70
1
μF
CAPACITOR ESR
RESR
TJ = −40°C to +125°C
.001
1
Ω
1 The minimum input and output capacitance should be >0.70 μF over the full range of operating conditions. The full range of operating conditions in the application
must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended. Y5V and
Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com