Electronic Components Datasheet Search
  English  ▼

X  

ADP130 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP130
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP130 Datasheet HTML 12Page - Analog Devices ADP130 Datasheet HTML 13Page - Analog Devices ADP130 Datasheet HTML 14Page - Analog Devices ADP130 Datasheet HTML 15Page - Analog Devices ADP130 Datasheet HTML 16Page - Analog Devices ADP130 Datasheet HTML 17Page - Analog Devices ADP130 Datasheet HTML 18Page - Analog Devices ADP130 Datasheet HTML 19Page - Analog Devices ADP130 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP130
Rev. 0 | Page 16 of 20
JUNCTION TEMPERATURE CALCULATIONS
140
0
VIN – VOUT (V)
120
100
80
60
40
20
1mA
10mA
50mA
100mA
150mA
250mA
350mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Figure 40. 500 mm2 of PCB Copper, TA = 25°C, TSOT
140
0
VIN – VOUT (V)
120
100
80
60
40
20
1mA
10mA
50mA
100mA
150mA
250mA
350mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
0.40.81.21.62.02.42.8
Figure 41. 100 mm2 of PCB Copper, TA = 25°C, TSOT
140
0
VIN – VOUT (V)
120
100
80
60
40
20
1mA
10mA
50mA
100mA
150mA
250mA
350mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Figure 42. 0 mm2 of PCB Copper, TA = 25°C, TSOT
140
0
VIN – VOUT (V)
120
100
80
60
40
20
1mA
10mA
50mA
100mA
150mA
250mA
350mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Figure 43. 500 mm2 of PCB Copper, TA = 50°C, TSOT
140
0
VIN – VOUT (V)
120
100
80
60
40
20
1mA
10mA
50mA
100mA
150mA
250mA
350mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Figure 44. 100 mm2 of PCB Copper, TA = 50°C, TSOT
140
0
VIN – VOUT (V)
120
100
80
60
40
20
1mA
10mA
50mA
100mA
150mA
250mA
350mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Figure 45. 0 mm2 of PCB Copper, TA = 50°C, TSOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com