Electronic Components Datasheet Search
  English  ▼

X  

556 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 556
Description  Computer Grade, Axial Leaded, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

556 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  556 Datasheet HTML 1Page - Cornell Dubilier Electronics 556 Datasheet HTML 2Page - Cornell Dubilier Electronics 556 Datasheet HTML 3Page - Cornell Dubilier Electronics 556 Datasheet HTML 4Page - Cornell Dubilier Electronics 556 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6.3 Vdc (8 Vdc Surge)
120
556121M6R3BA2
3.60
0.109
6.3 x 13
220
556221M6R3BB2
2.00
0.18O
6.3 x 17.5
330
556331M6R3CB2
1.29
0.255
8 x 17.5
470
556471M6R3CC2
1.00
0.338
8 x 20.5
820
556821M6R3DC2
0.64
0.480
9.5 x 20.5
1200
556122M6R3DD2
0.37
0.570
9.5 x 24
1800
556182M6R3DF2
0.27
0.800
9.5 x 32
2200
556222M6R3DH2
0.23
1.080
9.5 x 38
3900
556392M6R3MH2
0.16
1.280
11 x 38
4700
556472M6R3EH2
0.13
1.640
12.5 x 38
5600
556562M6R3ER2
0.12
1.780
12.5 x 44.5
6800
556682M6R3FH2
0.10
2.000
16 x 38
10000
556103M6R3FR2
0.09
2.350
16 x 44.5
12000
556123M6R3LV2
0.08
2.580
18 x 44.5
10 Vdc (12 Vdc Surge)
100
556101M010BA2
3.70
0.109
6.3 x 13
180
556181M010BB2
2.08
0.175
6.3 x 17.5
270
556271M010CB2
1.60
0.250
8 x 17.5
390
556391M010CC2
0.96
0.350
8 x 20.5
680
556681M010DC2
0.57
0.440
9.5 x 20.5
Part Numbering System
556
123
M
6R3
LV
2
E
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Epoxy Endseal
6R8=6.8 F
M= 20%
6R3=6.3 Vdc
0=Bare Can
E = Epoxy Endseal
680=68 F
063=63 Vdc
1=Polyester
(blank) = No Epoxy
681=680 F
100=100 Vdc
2=PVC
682=6800 F
123=12,000 F
Millimeters
Insulated with
Case
Nominal
Insulated
Epoxy Endseal
Code
Diameter (mm) Length (mm)
Diameter (max) Length (max)
Diameter (max) Length (max)
BA
6.3
13.0
7.0
14.4
7.0
15.9
BB
6.3
17.5
7.0
19.2
7.0
20.7
CB
8.0
17.5
8.6
19.2
8.6
20.7
CC
8.0
20.5
8.6
22.3
8.6
23.8
DC
9.5
20.5
10.2
22.3
10.2
23.8
DD
9.5
24.0
10.2
25.5
10.2
27.0
DF
9.5
32.0
10.2
33.5
10.2
35.0
DH
9.5
38.0
10.2
39.8
10.2
41.3
MF
11.0
32.0
11.8
33.8
11.8
35.0
MH
11.0
38.0
11.8
39.8
13.1
41.3
EH
12.5
38.0
13.1
39.8
13.1
41.3
ER
12.5
44.0
13.1
46.5
13.1
48.0
FH
16.0
38.0
16.6
39.8
16.6
41.3
FR
16.0
44.5
16.6
46.5
16.6
48.0
LV
18.0
40.0
18.7
42.5
18.7
43.0
Case Dimensions
Ratings
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω @ 85 °C
Size (mm)
F
Number
120 Hz
120 Hz
D x L
10 Vdc (12 Vdc Surge) (cont’d)
1000
556102M010DD2
0.41
0.560
9.5 x 24
1500
556152M010DF2
0.30
0.785
9.5 x 32
1800
556182M010DH2
0.27
1.030
9.5 x 38
2200
556222M010MF2
0.19
1.160
11 x 32
3300
556332M010EH2
0.14
1.600
12.5 x 38
3300
556332M010MH2
0.15
1.380
11 x 38
4700
556472M010ER2
0.12
1.780
12.5 x 44.5
5600
556562M010FH2
0.10
2.000
16 x 38
8200
556822M010FR2
0.09
2.340
16 x 44.5
10000
556103M010LV2
0.08
2.550
18 x 40
12 Vdc (15 Vdc Surge)
100
556101M012BA2
3.71
0.108
6.3 x 13
180
556181M012BB2
2.12
0.168
6.3 x 1 7.5
220
556221M012CB2
1.65
0.245
8 x 17.5
390
556391M012CC2
1.00
0.330
8 x 20.5
560
556561M012DC2
0.66
0.425
9.5 x 20.5
820
556821M012DD2
0.45
0.550
9.5 x 24
1200
556122M012DF2
0.32
0.760
9.5 x 32
1500
556152M012DH2
0.28
0.955
9.5 x 38
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω @ 85 °C
Size (mm)
F
Number
120 Hz
120 Hz
D x L
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 556 105 °C, Computer Grade, Axial Leaded, Aluminum



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com