Electronic Components Datasheet Search
  English  ▼

X  

556 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 556
Description  Computer Grade, Axial Leaded, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

556 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  556 Datasheet HTML 1Page - Cornell Dubilier Electronics 556 Datasheet HTML 2Page - Cornell Dubilier Electronics 556 Datasheet HTML 3Page - Cornell Dubilier Electronics 556 Datasheet HTML 4Page - Cornell Dubilier Electronics 556 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
80 Vdc (100 Vdc Surge) (cont’d)
47
556470M080DC2
3.38
0.205
9.5 x 20.5
68
556680M080DD2
2.34
0.260
9.5 x 24
100
556101M080DF2
1.59
0.357
9.5 x 32
120
556121M080DH2
1.33
0.435
9.5 x 38
150
556151M080MF2
1.06
0.480
11 x 32
220
556221M080EH2
0.72
0.680
12.5 x 38
220
556221M080MH2
1.06
0.527
11 x 38
270
556271M080ER2
0.58
0.850
12.5 x 44.5
390
556391M080FH2
0.41
1.030
16 x 38
470
556471M080FR2
0.34
1.210
16 x 44.5
680
556681M080LV2
0.23
1.490
18 x 44.5
100 Vdc (125 Vdc Surge)
3.9
5563R9M100BA2
40.70
0.035
6.3 x l3
6.8
5566R8M100BB2
23.70
0.054
6.3 x 17.5
12
556120M100CB2
13.30
0.080
8 x 17.5
15
556150M100CC2
10.60
0.100
8 x 20.5
33
556330M100DC2
4.81
0.145
9.5 x 20.5
47
556470M100DD2
3.38
0.205
9.5 x 24
68
556680M100DF2
2.33
0.280
9.5 x 32
100
556101M100DH2
1.59
0.385
9.5 x 38
150
556151M100EH2
1.06
0.585
12.5 x 38
150
556151M100MH2
1.06
0.505
11 x 38
220
556221M100ER2
0.72
0.715
12.5 x 44.5
390
556391M100FR2
0.40
1.110
16 x 44.5
470
556471M100LV2
0.34
1.240
18 x 40
150 Vdc (170 Vdc Surge)
1.5
5561R5M150BA2
110.00
0.023
6.3 x 13
2.7
5562R7M150BB2
60.00
0.036
6.3 x 17.5
3.3
5563R3M150CB2
49.00
0.045
8 x l7.5
6.8
5566R8M150CC2
24.00
0.070
8 x 20.5
12
556120M150DC2
13.30
0.100
9.5 x 20.5
15
556150M150DD2
11.00
0.120
9.5 x 24
22
556220M150DF2
7.30
0.165
9.5 x 32
33
556330M150DH2
4.90
0.225
9.5 x 38
47
556470M150MH2
3.38
0.290
11 x 38
56
556560M150EH2
3.08
0.325
12.5 x 38
68
556680M150ER2
2.34
0.380
12.5 x 44.5
120
556121M150FR2
1.34
0.580
16 x 44.5
150
556151M150LV2
1.10
0.668
18 x 40
200 Vdc (250 Vdc Surge)
1.2
5561R2M200BA2
132.00
0.022
6.3 x 13
2.7
5562R7M200BB2
60.00
0.035
6.3 x 17.5
3.3
5563R3M200CB2
50.00
0.045
8 x 17.5
5.6
5565R6M200CC2
28.00
0.065
8 x 20.5
10
556100M200DC2
15.90
0.090
9.5 x 20.5
12
556120M200DD2
12.00
0.105
9.5 x 24
18
556180M200DF2
9.10
0.150
9.5 x 32
27
556270M200DH2
6.00
0.200
9.5 x 38
39
556390M200EH2
4.00
0.288
12.5 x 38
39
556390M200MH2
4.50
0.250
11 x 38
56
556560M200ER2
2.85
0.350
12.5 x 44.5
68
556680M200FH2
2.36
0.425
16 x 38
100
556101M200FR2
1.60
0.550
16 x 44.5
120
556121M200LV2
1.33
0.610
18 x 40
250 Vdc (300 Vdc Surge)
1
5561R0M250BA2
161.00
0.021
6.3 x 13
1.8
5561R8M250BB2
88.00
0.031
6.3 x 17.5
2.2
5562R2M250CB2
73.00
0.037
8 x 17.5
3.3
5563R3M250CC2
48.00
0.049
8 x 20.5
250 Vdc (300 Vdc Surge) (cont’d)
6.8
5566R8M250DC2
23.50
0.078
9.5 x 20.5
8.2
5568R2M250DD2
19.40
0.090
9.5 x 24
12
556120M250DF2
13.20
0.125
9.5 x 32
18
556180M250DH2
8.80
0.165
9.5 x 38
27
556270M250MH2
6.00
0.215
11 x 38
33
556330M250EH2
4.80
0.240
12.5 x 38
39
556390M250ER2
4.00
0.305
12.5 x 44.5
68
556680M250FR2
2.30
0.425
16 x 44.5
82
556820M250LV2
2.00
0.500
18 x 40
300 Vdc (360 Vdc Surge)
0.68
556R68M300BA2
235.00
0.016
6.3 x 13
1.2
556lR2M300BB2
133.00
0.024
6.3 x 17.5
1.5
5561R5M300CB2
107.00
0.030
8 x 17.5
2.2
5562R2MI300CC2
73.00
0.040
8 x 20.5
3.9
5563R9M300DC2
41.00
0.055
9.5 x 20.5
5.6
5565R6M300DD2
28.60
0.070
9.5 x 24
8.2
5568R2M300DF2
19.50
0.100
9.5 x 32
10
556100M300DH2
16.00
0.120
9.5 x 38
18
556180M300MH2
8.90
0.175
11 x 38
22
556220M300EH2
7.27
0.200
12.5 x 38
27
556270M300ER2
5.90
0.250
12.5 x 44.5
47
556470M300FR2
3.40
0.375
16 x 44.5
68
556680M300LV2
2.40
0.450
18 x 40
350 Vdc (400 Vdc Surge)
0.56
556R56M350BA2
284.00
0.014
6.3 x 13
1
5561R0M350BB2
159.00
0.022
6.3 x 17.5
1.2
5561R2M350CB2
132.00
0.027
8 x 17.5
1.8
5561R8M350CC2
88.40
0.036
8 x 20.5
3.3
5563R3M350DC2
48.00
0.054
9.5 x 20.5
4.7
5564R7M350DD2
33.80
0.065
9.5 x 24
6.8
5566R8M350D F2
23.50
0.077
9.5 x 32
10
556100M350DH2
15.90
0.120
9.5 x 38
18
556180M350MH2
8.84
0.175
11 x 38
22
556220M350E H2
7.23
0.210
12.5 x 38
27
556270M350ER2
6.00
0.250
12.5 x 44.5
39
556390M350FR2
4.18
0.340
16 x 44.5
56
556560M350LV2
3.00
0.400
18 x 40
400 Vdc (450 Vdc Surge)
1.8
5561R8M400DC2
92.00
0.038
9.5 x 20.5
2.7
5562R7M400DD2
62.00
0.050
9.5 x 24
3.9
5563R9M400DF2
42.00
0.070
9.5 x 32
4.7
5564R7M400DH2
35.00
0.082
9.5 x 38
12
556120M400MH2
13.80
0.130
11x 38
18
556180M400EH2
9.20
0.175
12.5 x 38
22
556220M400ER2
7.60
0.220
12.5 x 44.5
27
556270M400FR2
6.10
0.250
16 x 44.5
47
556470M400LV2
3.50
0.375
18 x 40
450 Vdc (500 Vdc Surge)
1.5
5561R5M450DC2
115.00
0.035
9.5 x 20.5
2.2
5562R2M450DD2
78.00
0.045
9.5 x 24
3.3
5563R3M450DF2
52.00
0.062
9.5 x 32
3.9
5563R9M450DH2
44.00
0.074
9.5 x 38
10
556100M450MH2
17.00
0.125
11 x 38
12
556120M450EH2
9.50
0.200
12.5 x 38
18
556180M450ER2
7.80
0.225
12.5 x 44.5
22
556220M450FR2
5.20
0.300
16 x 44.5
33
556330M450LV2
5.20
0.315
18 x 40
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω @ 85 °C
Size (mm)
F
Number
120 Hz
120 Hz
D x L
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω @ 85 °C
Size (mm)
F
Number
120 Hz
120 Hz
D x L
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 556 105 °C, Computer Grade, Axial Leaded, Aluminum



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com