Electronic Components Datasheet Search
  English  ▼

X  

AM4967 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AM4967
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4967 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4967 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Preliminary Datasheet
8
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Supply Current vs. Ambient Temperature
Figure 6. Reference Voltage vs. Ambient Temperature
Figure 7. Reference Voltage vs. Output Current
-40
-30
-20
-10
0
1020
304050
60
70
80
0
2
4
6
8
10
12
14
16
Ambient Temperature (
OC)
V
CC
=12V
-40 -30 -20 -10
0
10
2030
40
506070
80
90
3.5
4.0
4.5
5.0
5.5
6.0
Ambient Temperature (
OC)
V
CC
=12V
I
OUT
=5mA
0
2
4
6
8
10121416
1820
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
Output Current (mA)
V
CC
=12V
T
A
=25
OC
2
4
6
8
101214
16
18
4
6
8
10
12
14
16
Supply Voltage (V)
T
A
=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com