Electronic Components Datasheet Search
  English  ▼

X  

AM4967 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AM4967
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4967 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4967 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM4967 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Preliminary Datasheet
10
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Operating Diagram
Note 3:
1. Minimum Speed Setting Mode (Stop Mode)
When fan rotate at low speed, its lowest speed is settable
by VMIN pin voltage. If not, fan motor stops.
2. Low Speed to High Speed Setting Mode
PWM control system works by comparing the voltage of
VPWM and COSC (1.0V to 3.0V). When VPWM voltage
is low, the transistors of the upper and lower side outputs
are ON. On contrary, when VPWM voltage is high, the
upper side transistors are OFF. And coil current re-circu-
lates in a lower side transistor. Therefore, as the VPWM
voltage becomes lower, output ON duty becomes large.
Sequentially, coil current increases and the motor runs at
high speed which is monitored by FG output while rota-
tion-stop state is monitored by RD output.
3. Full Speed Rotation Mode
When VPWM voltage drops to 1.0V or lower, motor fan
will run at full speed. (If the speed is not controlled,
VPWM=GND)
Figure 9. Operating Diagram 1 of AM4967 (Speed Control, Note 3)
VPWM Voltage
f
OSC=30kHz (COSC=220pF)
VMIN Voltage
COSC Voltage
0V
Minimum Speed Setup
Rotation (Stop Mode)
Low
Speed
PWM Adjustable
Speed
High
Speed
Full Speed
FG
ON-Duty-Large
ON-Duty-Small
3.0V
1.0V
RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com