Electronic Components Datasheet Search
  English  ▼

X  

AM4967GS Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AM4967GS
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4967GS Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4967GS Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Jun. 2008 Rev. 1. 1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ1
Lock off
8
10
12
mA
IQ2
Lock on
8
10
12
VREF Reference Voltage
VREF
IOUT=5mA
4.5
5.0
5.5
V
Current Limit Voltage
VLIM
186
200
215
mV
COSC High Level Voltage
VOSCH
3.0
3.4
3.8
V
COSC Low Level Voltage
VOSCL
0.9
1.1
1.3
V
COSC Frequency
fOSC
CL=220pF
25.4
30
35.5
kHz
CT High Level Voltage
VCTH
2.4
3.3
3.6
V
CT Low Level Voltage
VCTL
1.0
1.3
1.6
V
CT Charge Current
ICHG
VCT=0.5V
1.5
2
2.5
µA
CT Discharge Current
IDHG
VCT=3.5V
0.13
0.2
0.25
µA
CT Charge and Discharge Ratio
RCD
ICHG/IDHG
8.5
10
14.5
Linear Start Charge Current
ILS
VLS=1V
0.5
0.7
µA
OUT1B/OUT2B High Level Voltage
VOBH
IOUT=10mA
VCC-
1.8
VCC-
0.9
VCC
V
OUT1B/OUT2B Low Level Voltage
VOBL
IOUT=10mA
0.9
1.5
V
OUT1/OUT2 Low Level Voltage
VOL
IOUT=10mA
0.45
0.8
V
FG Signal Hall Input Sensitivity
VHN
IHIN+, IHIN- difference voltage
(include offset and hysteresis)
±10
mV
FG Saturation Voltage
VSAT
ISINK=5mA
200
500
mV
FG Leakage Current
ILFG
VFG=VCC
30
µA
VPWM/VMIN Bias Current
IPWMB/IVMINB
VOSC=VPWM/VVMIN=2V
0.1
3
µA
(VCC=12V, TA=25
oC, unless otherwise specified.)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com