Electronic Components Datasheet Search
  English  ▼

X  

AM4967GS Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AM4967GS
Description  ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4967GS Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4967GS Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AM4967GS Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
AM4967
Preliminary Datasheet
12
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Operating Diagram (Continued)
Figure 12. Operating Diagram 4 of AM4967 (Note 4)
Note 4: The inclination of LS voltage is adjusted between VLS and VREF according to the capacitance which is recommended
to be 0.1
µF to 1.0µF.
LS Voltage
VMIN Voltage
0V
Lock Protection
Linear
Start
VMIN Setting Speed
3.0V
1.0V
ON-Duty
VPWM Voltage
100%
0%
COSC
RD
High Level
Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com