Electronic Components Datasheet Search
  English  ▼

X  

AP3012 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3012 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3012 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
6
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
(VIN=3V, VSHDN=3V, TA=25
oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Minimum Operating Volt-
age
2.6
V
Maximum Operating Volt-
age
16
V
Feedback Voltage
VFB
VIN=5V, VOUT=24V, IOUT=30mA
1.17
1.25
1.33
V
FB Pin Bias Current
VFB=1.25V
10
45
100
nA
Supply Current
ICC
VSHDN =VFB=VIN, No switching
2.5
3.5
mA
Supply Current
IQ
VSHDN =0V, VFB=0V
0.1
1.0
μA
Switching Frequency
f
1.1
1.5
1.9
MHz
Maximum Duty Cycle
DMAX
85
90
%
Switching Current Limit
Duty Cycle=80%
500
mA
Switch VCESAT
VCESAT
ISW=250mA
300
mV
Switch Leakage Current
VSW=5V
0.01
5
μA
SHDN Voltage High (ON)
VTH
1.5
V
SHDN Voltage Low (OFF)
VTL
0.4
SHDN Pin Bias Current
55
μA
OVP Voltage Threshold
VOVP
29
V
Soft-Start Time
550
μS
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com