Electronic Components Datasheet Search
  English  ▼

X  

AP3012 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3012 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3012 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
8
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 9. Switching Current Limit vs. Duty Cycle
Typical Performance Characteristics (Continued)
Figure 10. Feedback Voltage vs. Junction Temperature
Figure 11. Efficiency vs. Output Current
Figure 8. Efficiency vs. Junction Temperature
0
5
10
15
20
25
30
35
40
45
60
65
70
75
80
85
Output Current (mA)
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
V
OUT
=24V
L=10μH
-50
-25
0
25
50
75
100
1.24
1.25
1.26
1.27
1.28
1.29
V
IN
=5V
V
OUT
=24V
I
OUT
=30mA
Junction Temperature (
oC)
020
40
60
80
100
0
200
400
600
800
1000
1200
Duty Cycle (%)
-50
-25
0
25
50
75
100
50
55
60
65
70
75
80
85
V
IN
=5V
V
OUT
=24V
I
OUT
=30mA
Junction Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com