Electronic Components Datasheet Search
  English  ▼

X  

AP3029 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP3029
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3029 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3029 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Aug. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3029
Typical Application (Continued)
C. Ten White LEDs Driver
B. Six White LEDs Driver
C: X5R or X7R Dielectric
L: SUMIDA CDRH5D28R-220NC or Equivalent
This circuit can work in full temperature
C: X5R or X7R Dielectric
L: SUMIDA CDRH5D28R-220NC or Equivalent
Two transistors are recommended to use Dual Matched transistor pairs
This circuit can work in full temperature
Figure 27. Typical Application of LED Drivers
22
µΗ
1
µF
0.22
µF
10
Ω
V
IN
SW
V
OUT
FB
GND
CTRL
AP3029
Control
Signal
V
IN ≥
3V
10
Ω
22
µΗ
1
µF
0.22
µF
10
Ω
V
IN
SW
V
OUT
FB
GND
CTRL
AP3029
Control
Signal
V
IN ≥
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com