Electronic Components Datasheet Search
  English  ▼

X  

AP3029 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3029
Description  WHITE LED STEP-UP CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3029 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3029 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3029 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Aug. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3029
Pin 1 Dot by Marking
Figure 2. Pin Configuration of AP3029 (Top View)
Pin Configuration
Pin Description
Pin Number
Pin Name
Function
1
SW
Switch Pin. Connect external inductor
2
GND
Ground Pin
3
FB
Voltage Feedback. Reference voltage is 200mV
4
CTRL
Shutdown and Dimming Pin. Connect to 1.8V or higher to enable device; Connect to 50mV or
less to disable device; Connect to a voltage between 1.8V and 50mV to achieve linear dim-
ming
5VOUT
Output Pin. Connected to the cathode of internal schottky diode
6VIN
Input Supply Pin. Must be locally bypassed
(SOT-23-6/TSOT-23-6)
K/KT Package
SW
GND
FB
VIN
VOUT
CTRL
2
1
34
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com