Electronic Components Datasheet Search
  English  ▼

X  

AT87F55WD Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT87F55WD
Description  8-bit Microcontroller with 20K Bytes QuickFlash?
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87F55WD Datasheet(HTML) 1 Page - ATMEL Corporation

  AT87F55WD Datasheet HTML 1Page - ATMEL Corporation AT87F55WD Datasheet HTML 2Page - ATMEL Corporation AT87F55WD Datasheet HTML 3Page - ATMEL Corporation AT87F55WD Datasheet HTML 4Page - ATMEL Corporation AT87F55WD Datasheet HTML 5Page - ATMEL Corporation AT87F55WD Datasheet HTML 6Page - ATMEL Corporation AT87F55WD Datasheet HTML 7Page - ATMEL Corporation AT87F55WD Datasheet HTML 8Page - ATMEL Corporation AT87F55WD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
PLCC
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
P1.5
P1.6
P1.7
RST
(RXD) P3.0
NC
(TXD) P3.1
(INT0) P3.2
(INT1) P3.3
(T0) P3.4
(T1) P3.5
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
EA/VPP
NC
ALE/PROG
PSEN
P2.7 (A15)
P2.6 (A14)
P2.5 (A13)
Features
• Compatible with MCS-51™ Products
• 20K Bytes of One-time Programmable QuickFlash Memory
• 4V to 5.5V Operating Range
• Fully Static Operation: 0 Hz to 33 MHz
• Three-level Program Memory Lock
• 256 x 8-bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-bit Timer/Counters
• Eight Interrupt Sources
• Programmable Serial Channel
• Low-power Idle and Power-down Modes
• Interrupt Recovery from Power-down Mode
• Hardware Watchdog Timer
• Dual Data Pointer
• Power-off Flag
Description
The AT87F55WD is a low-power, high-performance CMOS 8-bit microcomputer with
20K bytes of QuickFlash one-time programmable (OTP) read only memory and 256
bytes of RAM. The device is manufactured using Atmel’s high-density nonvolatile
memory technology and is compatible with the industry standard 80C51 and 80C52
instruction set and pinout. The on-chip QuickFlash allows the program memory to be
user programmed by a conventional nonvolatile memory programmer. By combining a
versatile 8-bit CPU with QuickFlash on a monolithic chip, the Atmel AT87F55WD is a
powerful microcomputer which provides a highly-flexible and cost-effective solution to
many embedded control applications.
Rev. 1918A–08/00
8-bit
Microcontroller
with 20K Bytes
QuickFlash™
AT87F55WD
PDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
(T2) P1.0
(T2EX) P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RST
(RXD) P3.0
(TXD) P3.1
(INT0) P3.2
(INT1) P3.3
(T0) P3.4
(T1) P3.5
(WR) P3.6
(RD) P3.7
XTAL2
XTAL1
GND
VCC
P0.0 (AD0)
P0.1 (AD1)
P0.2 (AD2)
P0.3 (AD3)
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
EA/VPP
ALE/PROG
PSEN
P2.7 (A15)
P2.6 (A14)
P2.5 (A13)
P2.4 (A12)
P2.3 (A11)
P2.2 (A10)
P2.1 (A9)
P2.0 (A8)
Pin Configurations
TQFP
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
P1.5
P1.6
P1.7
RST
(RXD) P3.0
NC
(TXD) P3.1
(INT0) P3.2
(INT1) P3.3
(T0) P3.4
(T1) P3.5
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
EA/VPP
NC
ALE/PROG
PSEN
P2.7 (A15)
P2.6 (A14)
P2.5 (A13)


Similar Part No. - AT87F55WD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87F51 ATMEL-AT87F51 Datasheet
170Kb / 15P
8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F51-12AC ATMEL-AT87F51-12AC Datasheet
170Kb / 15P
8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F51-12AI ATMEL-AT87F51-12AI Datasheet
170Kb / 15P
8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F51-12JC ATMEL-AT87F51-12JC Datasheet
170Kb / 15P
8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F51-12JI ATMEL-AT87F51-12JI Datasheet
170Kb / 15P
8-Bit Microcontroller with 4K Bytes QuickFlash
More results

Similar Description - AT87F55WD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87F51 ATMEL-AT87F51 Datasheet
170Kb / 15P
8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F52 ATMEL-AT87F52 Datasheet
224Kb / 22P
8-Bit Microcontroller with 8K Bytes QuickFlash
AT89C55 ATMEL-AT89C55 Datasheet
606Kb / 24P
8-Bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
8-bit Microcontroller with 32K Bytes QuickFlash
AT87LV52 ATMEL-AT87LV52 Datasheet
287Kb / 23P
8-bit Microcontroller with 8K Bytes QuickFlash
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
8-bit Microcontroller with 20K Bytes Flash
AT87LV55 ATMEL-AT87LV55 Datasheet
374Kb / 27P
8-bit Microcontroller with 20K Bytes QuickFlash짰
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com