Electronic Components Datasheet Search
  English  ▼

X  

AT87F55WD Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT87F55WD
Description  8-bit Microcontroller with 20K Bytes QuickFlash?
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87F55WD Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT87F55WD Datasheet HTML 18Page - ATMEL Corporation AT87F55WD Datasheet HTML 19Page - ATMEL Corporation AT87F55WD Datasheet HTML 20Page - ATMEL Corporation AT87F55WD Datasheet HTML 21Page - ATMEL Corporation AT87F55WD Datasheet HTML 22Page - ATMEL Corporation AT87F55WD Datasheet HTML 23Page - ATMEL Corporation AT87F55WD Datasheet HTML 24Page - ATMEL Corporation AT87F55WD Datasheet HTML 25Page - ATMEL Corporation AT87F55WD Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
AT87F55WD
25
Packaging Information
*Controlling dimension: millimeters
1.20(0.047) MAX
10.10(0.394)
9.90(0.386)
SQ
12.21(0.478)
11.75(0.458)
SQ
0.75(0.030)
0.45(0.018)
0.15(0.006)
0.05(0.002)
0.20(.008)
0.09(.003)
0
7
0.80(0.031) BSC
PIN 1 ID
0.45(0.018)
0.30(0.012)
.045(1.14) X 45°
PIN NO. 1
IDENTIFY
.045(1.14) X 30° - 45°
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.630(16.0)
.590(15.0)
.043(1.09)
.020(.508)
.120(3.05)
.090(2.29)
.180(4.57)
.165(4.19)
.500(12.7) REF SQ
.032(.813)
.026(.660)
.050(1.27) TYP
.022(.559) X 45° MAX (3X)
.656(16.7)
.650(16.5)
.695(17.7)
.685(17.4)
SQ
SQ
2.07(52.6)
2.04(51.8)
PIN
1
.566(14.4)
.530(13.5)
.090(2.29)
MAX
.005(.127)
MIN
.065(1.65)
.015(.381)
.022(.559)
.014(.356)
.065(1.65)
.041(1.04)
0
15
REF
.690(17.5)
.610(15.5)
.630(16.0)
.590(15.0)
.012(.305)
.008(.203)
.110(2.79)
.090(2.29)
.161(4.09)
.125(3.18)
SEATING
PLANE
.220(5.59)
MAX
1.900(48.26) REF
44A, 44-lead, Thin (1.0 mm) Plastic Gull Wing Quad
Flat Package (TQFP)
Dimensions in Millimeters and (Inches)*
44J, 44-lead, Plastic J-leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
40P6, 40-pin, 0.600" Wide, Plastic Dual Inline
Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-011 AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com