Electronic Components Datasheet Search
  English  ▼

X  

STD2NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD2NM60
Description  N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  STD2NM60 Datasheet HTML 1Page - STMicroelectronics STD2NM60 Datasheet HTML 2Page - STMicroelectronics STD2NM60 Datasheet HTML 3Page - STMicroelectronics STD2NM60 Datasheet HTML 4Page - STMicroelectronics STD2NM60 Datasheet HTML 5Page - STMicroelectronics STD2NM60 Datasheet HTML 6Page - STMicroelectronics STD2NM60 Datasheet HTML 7Page - STMicroelectronics STD2NM60 Datasheet HTML 8Page - STMicroelectronics STD2NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
September 2002
STD2NM60
STD2NM60-1
N-CHANNEL 600V - 2.8
Ω - 2A DPAK/IPAK
Zener-Protected MDmesh™Power MOSFET
(1)ISD<2A, di/dt<400A/µs, VDD<V(BR)DSS, TJ<TJMAX
s
TYPICAL RDS(on) = 2.8 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
100% AVALANCHE TESTED
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
s
TIGHT PROCESS CONTROL AND HIGH
MANUFACTORING YIELDS
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar completition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increase
the power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD2NM60
STD2NM60-1
600V
600V
< 3.2
Ω
< 3.2
Ω
2 A
2 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
2A
ID
Drain Current (continuous) at TC = 100°C
1.26
A
IDM (q)
Drain Current (pulsed)
8
A
PTOT
Total Dissipation at TC = 25°C
46
W
Derating Factor
0.37
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
1kV
dv/dt(1)
Peak Diode Recovery voltage slope
15
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
1
3
DPAK
TO-252
3
2
1
IPAK
TO-251
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD2NM60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD2NM60-1 VBSEMI-STD2NM60-1 Datasheet
1Mb / 9P
N-Channel 650V (D-S)Power MOSFET
STD2NM60T4 VBSEMI-STD2NM60T4 Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - STD2NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1HNC60 STMICROELECTRONICS-STD1HNC60 Datasheet
268Kb / 9P
N-CHANNEL 600V - 4ohm - 2A - IPAK/DPAK PowerMesh™ I MOSFET
Feb-2001
STD2NC60 STMICROELECTRONICS-STD2NC60 Datasheet
283Kb / 9P
N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh™ II MOSFET
Jan-2001
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Apr-2003
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STSJ2NM60 STMICROELECTRONICS-STSJ2NM60 Datasheet
223Kb / 8P
N-CHANNEL 600V - 2.8ohm - 2A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Aug-2002
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
17-Jan-2005
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
06-Mar-2006
STP4NM60 STMICROELECTRONICS-STP4NM60_09 Datasheet
711Kb / 17P
N-channel 600 V, 1.3 Ω, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
02-Sep-2009
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
02-Sep-2009
STP9NM60 STMICROELECTRONICS-STP9NM60 Datasheet
181Kb / 9P
N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™ Power MOSFET
January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com