Electronic Components Datasheet Search
  English  ▼

X  

GLW22010 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GLW22010
Description  SURFCOIL SMT INDUCTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLW22010 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GLW22010 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SURFCOIL
® SMT INDUCTORS
SG-800H.1
10
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 •TEL: 516-334-8700 •FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
GL06 SERIES — ECONOMY SURFCOIL® AIR CORE INDUCTORS
Induct-
Standard
Q/L Test
ance
Inductance
Model
Q
Frequency
ID
B
L
C
D
L (nH)
Tolerance*
No.
min
(MHz)
(in/ mm)
(in/ mm)
(in/ mm)
(in/ mm)
(in/ mm)
1.65
± 10%
GL06A01N6510
100
800
0.018 / 0.45
0.061/ 1.55
0.088/2.23
0.04/1.00
0.10/2.6
2.55
± 10%
GL06A02N5510
100
800
0.020/ 0.52
0.052/ 1.32
0.090/2.29
0.04/1.00
0.10/2.6
3.85
± 10%
GL06A03N8510
100
800
0.020/ 0.52
0.058/ 1.46
0.098/2.50
0.04/1.00
0.10/2.6
5.40
± 5%
GL06A05N4005
100
800
0.021/ 0.54
0.106/2.69
0.84/2.14
0.04/1.00
0.10/2.6
5.60
± 5%
GL06A05N6005
100
800
0.021/ 0.54
0.059/1.50
0.164/4.16
0.112/2.85
0.18/4.5
7.15
± 5%
GL06A07N1505
100
800
0.026/ 0.65
0.064/1.62
0.172/4.38
0.112/2.85
0.18/4.5
8.80
± 5%
GL06A08N8005
100
800
0.026/ 0.65
0.064/1.62
0.165/4.19
0.112/2.85
0.18/4.5
9.85
± 5%
GL06A09N8505
100
800
0.026/ 0.65
0.065/1.65
0.163/4.15
0.112/2.85
0.18/4.5
12.55
± 5%
GL06A12N5505
100
800
0.030/ 0.7
0.061/1.55
0.163/4.15
0.112/2.85
0.18/4.5
GL12 SERIES — ECONOMY SURFCOIL® AIR CORE INDUCTORS
Induct-
Standard
Q/L Test
ance
Inductance
Model
Q
Frequency
ID
B
L
C
D
L (nH)
Tolerance*
No.
min
(MHz)
(in/mm)
(in/mm)
(in/mm)
(in/mm)
(in/mm)
2.5
± 10%
GL12A02N5010
100
150
0.053/1.35
0.091/2.3
0.11/2.9
0.065/1.65
0.17/4.2
5.0
± 10%
GL12A05N0010
100
150
0.053/1.35
0.082/2.1
0.135/3.45
0.065/1.65
0.17/4.2
8.0
± 10%
GL12A08N0010
100
150
0.061/1.55
0.10/2.6
0.15/3.7
0.065/1.65
0.17/4.2
12.5
± 10%
GL12A12N5010
100
150
0.060/1.53
0.11/2.7
0.2/4
0.065/1.65
0.17/4.2
18.5
± 10%
GL12A18N5010
100
150
0.061/1.55
0.10/2.6
0.135/3.45
0.065/1.65
0.17/4.2
17.5
± 10%
GL12A17N5010
100
150
0.061/1.55
0.11/2.7
0.25/6.4
0.19/4.7
0.29/7.3
22.5
± 5%
GL12A22N5005
100
150
0.061/1.55
0.11/2.7
0.27/6.8
0.19/4.7
0.29/7.3
28.0
± 5%
GL12A28N0005
100
150
0.061/1.55
0.11/2.7
0.26/6.6
0.19/4.7
0.29/7.3
35.5
± 5%
GL12A35N5005
100
150
0.061/1.55
0.11/2.8
0.24/6.2
0.19/4.7
0.29/7.3
43.0
± 5%
GL12A43N0005
100
150
0.061/1.55
0.11/2.8
0.26/6.6
0.19/4.7
0.29/7.3
ENCAPSULATION
(FLAT SURFACE FOR
EASE OF PICK & PLACE)
TIN
PLATE
L
ID
B
0.051
1.3
D
C
PAD LAYOUT
0.13
3.3
TYP
0.11
2.8
176
° ±4°
GL12 Series Outline Drawing
All dimensions are in/mm.
ENCAPSULATION
(FLAT SURFACE FOR
EASE OF PICK & PLACE)
TIN
PLATE
L
ID
B
0.03
0.8
D
C
PAD LAYOUT
0.098
2.5
TYP
0.04
1.0
176
° ±4°
GL06 Series Outline Drawing
All dimensions are in/mm.
* Tighter tolerances are available, consult factory.
* Tighter tolerances are available, consult factory.
Carrier and reel specifications are on the web at www.spraguegoodman.com/800/800p1/html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com