Electronic Components Datasheet Search
  English  ▼

X  

GLW22010 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GLW22010
Description  SURFCOIL SMT INDUCTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLW22010 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GLW22010 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLW22010 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SURFCOIL
® SMT INDUCTORS
SG-800H
8
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 •TEL: 516-334-8700 •FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
GLBP SERIES — HIGH CURRENT LOW DCR SHIELDED
MOLDED BOBBIN WOUND 1812 SIZE
Carrier and reel specifications on page 12.
0.126
± 0.008
3.2
± 0.2
0.079
± 0.008
2.0
± 0.2
0.177
± 0.012
4.5
± 0.3
MARKING (inductance & tolerance)
0.063
± 0.008
1.6
± 0.2
0.118
± 0.004
3.0
± 0.1
0.087
± 0.008
2.2
± 0.2
PAD LAYOUT
0.126
± 0.008
3.2
± 0.2
0.024
± 0.008
0.6
± 0.2
TYP
TERMINALS APPROX. FLUSH
TO MOUNTING SURFACE
GLB AND GLBP Series Outline Drawing
All dimensions are in/mm.
GLD SERIES — HIGH CURRENT SHIELDED MOLDED BOBBIN WOUND 1210 SIZE
0.0 98
± 0.008
2.5
± 0.2
0.075
± 0.004
1.9
± 0.1
0.126
± 0.012
3.2
± 0.3
MARKING (inductance & tolerance)
0.087
± 0.008
2.2
± 0.2
0.024
± 0.008
0.6
± 0.2
TYP
TERMINALS APPROX. FLUSH
TO MOUNTING SURFACE
PAD LAYOUT
0.063
± 0.008
1.6
± 0.2
0.067
± 0.004
1.7
± 0.1
0.083
± 0.008
2.1
± 0.2
TYP
GLA, GLAC, GLC and GLD
Series Outline Drawing
All dimensions are in/mm.
Induct-
Standard
SRF
Q /L Test Rated
DCR
ance
Inductance
Model
(MHz)
Q
Freq.
Current
(
Ω)
L (µH)
Tolerance
No.
min
min
(MHz)
(mA)
max
10.0
± 10%
GLBP10010
19
10
2.52
360
0.65
12.0
± 10%
GLBP12010
17
10
2.52
340
0.70
15.0
± 10%
GLBP15010
15
10
2.52
320
0.80
18.0
± 10%
GLBP18010
14
10
2.52
310
0.90
22.0
± 10%
GLBP22010
13
10
2.52
300
1.00
27.0
± 10%
GLBP27010
11
10
2.52
270
1.20
33.0
± 10%
GLBP33010
10
10
2.52
250
1.40
39.0
± 10%
GLBP39010
9.5
10
2.52
230
1.60
47.0
± 10%
GLBP47010
8.5
10
2.52
210
1.90
56.0
± 10%
GLBP56010
8.0
10
2.52
190
2.20
68.0
± 10%
GLBP68010
7.0
10
2.52
170
2.60
82.0
± 10%
GLBP82010
6.5
10
2.52
160
3.50
100.0
± 10%
GLBP10110
6.0
20
0.796
150
4.00
120.0
± 10%
GLBP12110
5.5
20
0.796
130
4.50
150.0
± 10%
GLBP15110
5.0
20
0.796
120
6.50
180.0
± 10%
GLBP18110
4.5
20
0.796
110
7.50
220.0
± 10%
GLBP22110
4.0
20
0.796
90
9.00
Induct-
Standard
SRF
Q /L Test Rated
DCR
ance
Inductance
Model
(MHz)
Q
Freq.
Current
(
Ω)
L (µH)
Tolerance
No.
min
min
(MHz)
(mA)
max
1.0
± 20%
GLD1R020
150
7
7.96
600
0.15
1.5
± 20%
GLD1R520
110
7
7.96
550
0.18
2.2
± 20%
GLD2R220
80
7
7.96
500
0.23
3.3
± 20%
GLD3R320
58
7
7.96
400
0.28
4.7
± 20%
GLD4R720
46
7
7.96
350
0.34
6.8
± 20%
GLD6R820
38
7
7.96
300
0.42
10.0
± 10%
GLD10010
23
15
2.52
240
0.50
12.0
± 10%
GLD12010
21
15
2.52
230
0.60
15.0
± 10%
GLD15010
18
15
2.52
220
0.74
18.0
± 10%
GLD18010
17
15
2.52
205
0.90
22.0
± 10%
GLD22010
15
15
2.52
185
1.15
27.0
± 10%
GLD27010
13
15
2.52
165
1.45
33.0
± 10%
GLD33010
12
15
2.52
155
1.65
39.0
± 10%
GLD39010
11
15
2.52
145
1.90
47.0
± 10%
GLD47010
9.5
15
2.52
135
2.25
56.0
± 10%
GLD56010
8.5
15
2.52
110
3.30
68.0
± 10%
GLD68010
7.5
15
2.52
105
3.70
82.0
± 10%
GLD82010
7.0
15
2.52
100
4.20
100.0
± 10%
GLD10110
6.5
20
0.796
90
5.00
120.0
± 10%
GLD12110
6.0
20
0.796
75
7.00
150.0
± 10%
GLD15110
5.5
20
0.796
70
8.00
180.0
± 10%
GLD18110
5.0
20
0.796
65
9.50
220.0
± 10%
GLD22110
4.0
20
0.796
60
11.00
270.0
± 10%
GLD27110
3.5
20
0.796
55
14.50
330.0
± 10%
GLD33110
3.0
20
0.796
50
16.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com