Electronic Components Datasheet Search
  English  ▼

X  

STD3NM50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3NM50
Description  N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NM50 Datasheet(HTML) 1 Page - STMicroelectronics

  STD3NM50 Datasheet HTML 1Page - STMicroelectronics STD3NM50 Datasheet HTML 2Page - STMicroelectronics STD3NM50 Datasheet HTML 3Page - STMicroelectronics STD3NM50 Datasheet HTML 4Page - STMicroelectronics STD3NM50 Datasheet HTML 5Page - STMicroelectronics STD3NM50 Datasheet HTML 6Page - STMicroelectronics STD3NM50 Datasheet HTML 7Page - STMicroelectronics STD3NM50 Datasheet HTML 8Page - STMicroelectronics STD3NM50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2003
STD3NM50
STD3NM50-1
N-CHANNEL 500V - 2.5
Ω - 3A DPAK/IPAK
Zener-Protected MDmesh™Power MOSFET
s
TYPICAL RDS(on) = 2.5 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
IMPROVED ESD CAPABILITY
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
s
TIGHT PROCESS CONTROL AND HIGH
MANUFACTORING YIELDS
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar completition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increase
the power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD3NM50
STD3NM50-1
500V
500V
<3
Ω
<3
Ω
3A
3A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
3A
ID
Drain Current (continuous) at TC = 100°C
1.89
A
IDM (q)
Drain Current (pulsed)
12
A
PTOT
Total Dissipation at TC = 25°C
46
W
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
4KV
Derating Factor
0.37
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
15
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD<3A, di/dt<400A/µs, VDD<V(BR)DSS,TJ<TJMAX
1
3
DPAK
TO-252
3
2
1
IPAK
TO-251
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD3NM50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD3NM50-1 VBSEMI-STD3NM50-1 Datasheet
1Mb / 9P
N-Channel 650V (D-S)Power MOSFET
STD3NM50T4 VBSEMI-STD3NM50T4 Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - STD3NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
STD5NM50 STMICROELECTRONICS-STD5NM50 Datasheet
463Kb / 10P
N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh™ Power MOSFET
Sep-2002
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STSJ3NM50 STMICROELECTRONICS-STSJ3NM50 Datasheet
220Kb / 8P
N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Aug-2002
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
17-Jan-2005
STP4NM60 STMICROELECTRONICS-STP4NM60_09 Datasheet
711Kb / 17P
N-channel 600 V, 1.3 Ω, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
02-Sep-2009
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
02-Sep-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com