Electronic Components Datasheet Search
  English  ▼

X  

STD40NF06LZ Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD40NF06LZ
Description  N-CHANNEL 60V - 0.020 ohm - 40A DPAK Zener-Protected STripFET™II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40NF06LZ Datasheet(HTML) 1 Page - STMicroelectronics

  STD40NF06LZ Datasheet HTML 1Page - STMicroelectronics STD40NF06LZ Datasheet HTML 2Page - STMicroelectronics STD40NF06LZ Datasheet HTML 3Page - STMicroelectronics STD40NF06LZ Datasheet HTML 4Page - STMicroelectronics STD40NF06LZ Datasheet HTML 5Page - STMicroelectronics STD40NF06LZ Datasheet HTML 6Page - STMicroelectronics STD40NF06LZ Datasheet HTML 7Page - STMicroelectronics STD40NF06LZ Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
October 2002
.
STD40NF06LZ
N-CHANNEL 60V - 0.020
Ω - 40A DPAK
Zener-Protected STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.020Ω
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE
s
LOGIC LEVEL GATE DRIVE
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4")
s
BUILT-IN ZENER DIODES TO IMPROVE ESD
PROTECTION UP TO 2kV
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less
critical
alignment
steps
therefore
a
remarkable manufacturing reproducibility.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITOTS,
COMPUTER AND INDUSTRIAL
APPLICATION
s
WELDING EQUIPMENT
s
AUTOMOTIVE
TYPE
VDSS
RDS(on)
ID
STD40NF06LZ
60 V
< 25 m
Ω
40 A
1
3
DPAK
TO-252
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(1)ISD ≤40A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25 oC ID = 20A
VDD = 45V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
40
A
ID
Drain Current (continuous) at TC = 100°C
28
A
IDM(•)
Drain Current (pulsed)
160
A
Ptot
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.67
W/°C
VESD(G-S)
Gate-source ESD(HBM-C=100pF, R=15k
Ω)
± 2.5
kV
dv/dt(1)
Peak Diode Recovery voltage slope
9
V/ns
EAS(2)
Single Pulse Avalanche Energy
450
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD40NF06LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40NF06 STMICROELECTRONICS-STD40NF06 Datasheet
448Kb / 9P
N-CHANNEL 60V - 0.024 ohm - 40A DPAK STripFET™II POWER MOSFET
January 2003
More results

Similar Description - STD40NF06LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
Jul-1998
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
Oct-1999
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET™ II POWER MOSFET
Mar-2002
STD40NF06 STMICROELECTRONICS-STD40NF06 Datasheet
448Kb / 9P
N-CHANNEL 60V - 0.024 ohm - 40A DPAK STripFET™II POWER MOSFET
January 2003
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com