| Electronic Components Datasheet Search |
|
AT90USB82 Datasheet(PDF) 108 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB82 Datasheet(HTML) 108 Page - ATMEL Corporation |
|
108 / 306 page ![]() 108 7707D–AVR–07/08 AT90USB82/162 Figure 15-1. 16-bit Timer/Counter Block Diagram(1) Note: 1. Refer to Figure 1-1 on page 3, Table 11-3 on page 74, and Table 11-6 on page 77 for Timer/Counter1 pin placement and description. 15.1.1 Registers The Timer/Counter (TCNTn), Output Compare Registers (OCRnA/B/C), and Input Capture Reg- ister (ICRn) are all 16-bit registers. Special procedures must be followed when accessing the 16- bit registers. These procedures are described in the section “Accessing 16-bit Registers” on page 109. The Timer/Counter Control Registers (TCCRnA/B/C) are 8-bit registers and have no CPU access restrictions. Interrupt requests (shorten as Int.Req.) signals are all visible in the Timer Interrupt Flag Register (TIFRn). All interrupts are individually masked with the Timer Inter- rupt Mask Register (TIMSKn). TIFRn and TIMSKn are not shown in the figure since these registers are shared by other timer units. The Timer/Counter can be clocked internally, via the prescaler, or by an external clock source on the Tn pin. The Clock Select logic block controls which clock source and edge the Timer/Counter uses to increment (or decrement) its value. The Timer/Counter is inactive when no clock source is selected. The output from the clock select logic is referred to as the timer clock (clk Tn). The double buffered Output Compare Registers (OCRnA/B/C) are compared with the Timer/Counter value at all time. The result of the compare can be used by the Waveform Gener- ator to generate a PWM or variable frequency output on the Output Compare pin (OCnA/B/C). ICFn (Int.Req.) TOVn (Int.Req.) Clock Select Timer/Counter ICRn = = = TCNTn Waveform Generation Waveform Generation Waveform Generation OCnA OCnB OCnC Noise Canceler ICPn = Fixed TOP Values Edge Detector Control Logic = 0 TOP BOTTOM Count Clear Direction OCFnA (Int.Req.) OCFnB (Int.Req.) OCFnC (Int.Req.) TCCRnA TCCRnB TCCRnC ( From Analog Comparator Ouput ) Tn Edge Detector ( From Prescaler ) TCLK OCRnC OCRnB OCRnA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |