Electronic Components Datasheet Search
  English  ▼

X  

AT90USB82 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 50Page - ATMEL Corporation AT90USB82 Datasheet HTML 51Page - ATMEL Corporation AT90USB82 Datasheet HTML 52Page - ATMEL Corporation AT90USB82 Datasheet HTML 53Page - ATMEL Corporation AT90USB82 Datasheet HTML 54Page - ATMEL Corporation AT90USB82 Datasheet HTML 55Page - ATMEL Corporation AT90USB82 Datasheet HTML 56Page - ATMEL Corporation AT90USB82 Datasheet HTML 57Page - ATMEL Corporation AT90USB82 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 306 page
background image
54
7707D–AVR–07/08
AT90USB82/162
1.
In the same operation, write a logic one to the Watchdog change enable bits WDCE
and WDE. A logic one must be written to WDE regardless of the previous value of the
WDE bit and even if it will be cleared after the operation.
2.
Within the next four clock cycles, write the WDE and Watchdog prescaler bits (WDP) as
desired, but with the WDCE bit cleared. This must be done in one operation.
While the WDT prescaler allows only even division factors (2, 4, 8...), the WDT peripheral also
includes a clock divider that directly acts on the clock source. This divider handles odd division
factors (3, 5, 7). In combination with the prescaler, a large number of time-out values can be
obtained.
The divider factor change is also ruled by the secure timed sequence : first the WDE and WDCE
bits must be set, and then four cycles are available to load the new divider value into the
WDTCKD register. Be aware that after this operation WDE will still be set. So keep in mind the
importance of order of operations. When setting up the WDT in Interrupt mode with specific val-
ues of prescaler and divider, the divider register must be loaded before the prescaler register :
1.
Set WDCE and WDE
2.
Load the divider factor into WDTCKD
3.
Wait WDCE being automatically cleared (just wait 2 more cycles)
4.
Set again WDCE and WDE
5.
Clear WDE, set WDIE and load the prescaler factor into WDTCSR in a same operation
6.
Now the system is properly configured for Interrupt only mode. Inverting the two opera-
tions would have been resulted into “Reset and Interrupt mode” and needed a third
operation to clear WDE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com