Electronic Components Datasheet Search
  English  ▼

X  

DS87C520 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 28Page - Dallas Semiconductor DS87C520 Datasheet HTML 29Page - Dallas Semiconductor DS87C520 Datasheet HTML 30Page - Dallas Semiconductor DS87C520 Datasheet HTML 31Page - Dallas Semiconductor DS87C520 Datasheet HTML 32Page - Dallas Semiconductor DS87C520 Datasheet HTML 33Page - Dallas Semiconductor DS87C520 Datasheet HTML 34Page - Dallas Semiconductor DS87C520 Datasheet HTML 35Page - Dallas Semiconductor DS87C520 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
DS87C520/DS83C520
32 of 42
POWER CYCLE TIMING CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Startup Time
tCSU
1.8
ms
1
Power-on Reset Delay
tPOR
65536
tCLCL
2
NOTES FOR POWER CYCLE TIMING CHARACTERISTICS:
1. Startup time for crystals varies with load capacitance and manufacturer. Time shown is for an 11.0592
MHz crystal manufactured by Fox.
2. Reset delay is a synchronous counter of crystal oscillations after crystal startup. Counting begins
when the level on the XTAL1 pin meets the VIH2 criteria. Counting begins when the level on the
XTAL1 pin meets the VIH2 criteria.At 33 MHz, this time is 1.99 ms.
EPROM P ROGRAMMING AND VERIFICATION
(21
°C to 27°C; V
CC =4.5V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Programming Voltage
VPP
12.5
13.0
V
1
Programming Supply Current
IPP
50
mA
Oscillator Frequency
1/tCLCL
4
6
MHz
Address Setup to
PROG Low
tAVGL
48tCLCL
Address Hold after
PROG
tGHAX
48 tCLCL
Data Setup to
PROG Low
tDVGL
48 tCLCL
Data Hold after
PROG
tGHDX
48 tCLCL
Enable High to VPP
tEHSH
48 tCLCL
VPP Setup to PROG Low
tSHGL
10
µs
VPP Hold after PROG
tSHGL
10
µs
PROG Width
tGLGH
90
110
µs
Address to Data Valid
tAVQV
48 tCLCL
Enable Low to Data Valid
tELQV
48 tCLCL
Data Float after Enable
tEHQZ
0
48 tCLCL
PROG High to PROGLow
tGHGL
10
µs
NOTE:
1. All voltages are referenced to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com