Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7A2-AI Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 31Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 32Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 33Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 34Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 35Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 36Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 37Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 38Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 369 page
background image
35
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
The waveforms appearing below and on the following pages give an exhaustive descrip-
tion of how data float wait states apply.
Figure 23. Read and Write Access on Different Chip Select with NTDF = 0 or 1
Figure 24. Read and Write Access on Different Chip Select with NTDF = 2
Table 24. Examples
Previous
Access
Next Access
Early Read Mode
Standard Read Mode
TDFx = 0
TDFx = 1
TDFx = 2
TDFx = 3
TDFx = 0
TDFx = 1
TDFx = 2
TDFx = 3
NCSx Read
NCSx Read
0
0
0
0
0
0
0
0
NCSx Read
NCSx Write
012
301
2
3
NCSx Write
NCSx Read
1
1
1
1
0
0
0
0
NCSx Write
NCSx Write
000
000
0
0
NCSx Read
NCSy Read
1
1
2
3
1
1
2
3
NCSx Read
NCSy Write
112
311
2
3
NCSx Write
NCSy Read
1
1
1
1
1
1
1
1
NCSx Write
NCSy Write
111
111
1
1
Address 1
Address 2
ADDRESS
NCS1
NCS2
NOE/NRD
NWE
Data
Read Mem 1
Data Float
Write Mem 2
Data Float
Read Mem 1
Write Mem 2
Address 1
Address 2
ADDRESS
NCS1
NCS2
NOE/NRD
NWE
Data
Write Mem 2
Read Mem 1
Data Float
Data Float
Write Mem 2
Data Float
NTDF = 2
Read Mem 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com