Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7A2-AI Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 48Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 49Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 50Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 51Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 52Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 53Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 54Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 55Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 369 page
background image
52
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Example
To switch from the default mode, OPE, to the LPM mode, do the following:
Configuration:
1.
Enable the real time clock oscillator and the RTCSEL switch by writing the
RTCKEN, RTCSEL bits and CLKEKEY field in the CM_CE register.
2.
Then wait that the RTCSEL status flag is set in the CE_CS register. Once this bit
is set, LFCLK clock is derived from the RCTK clock (see Figure 40 on page 50).
3.
Then set the LFSLCT bit in the CM_CE register to obtain a core clock derived
from RTCK.
To change the PLL multiplier from the default mode OPE, do the following:
1.
Disable the PLL by writing the PLLSLCT bit in CM_CD. This this enables writing
in the CM_PDIV and CM_PST registers. Now the core clock is equal to the mas-
ter oscillator clock.
2.
Then change the PLL multiplier and the divider by 2 in the CM_PDIV register.
Users can also optimize the stabilization time of the PLL of CM_PST. This time is
used in the next step when enabling the PLL. During that time the core clock will
be cut.
3.
Enable the PLL by writing the PLLSLCT bit in the CM_CE register. After this
action, the core clock will be stopped during the time described by the PSTB field
in the CM_PST register.
Clock Manager (CM) Memory Map
Base Address: 0xFFEC000
Table 30. Clock Manager Memory Map
Offset
Register
Name
Access
Reset State
0x000
CM Clock Enable
CM_CE
Write-only
–
0x004
CM Clock Disable
CM_CD
Write-only
–
0x008
CM Clock Status
CM_CS
Read-only
0x00002384
0x00C
CM PLL Stabilization Time
CM_PST
Read/Write
0x000000B0
0x010
CM PLL Divider
CM_PDIV
Read/Write
0x0000800A
0x014
CM Oscillator Stabilization Time
CM_OST
Read/Write
0x000000B0
0x018
CM Master Clock Divider
CM_MDIV
Read/Write
0x0000001F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com