Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7A2 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM7A2
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM7A2 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 369 page
background image
13
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Pad types are given in Table 10 below.
Notes:
1. Differential (load-dependent) propagation delay, high-to-low or high impedance-to-low (V
DD = 3.3 V, Temp. = 25°C, Input
Slope = 1 ns)
2. Differential (load-dependent) propagation delay, low-to-high or high impedance-to-high (V
DD = 3.3 V, Temp. = 25°C, Input
Slope = 1 ns)
3. Propagation delay, high-to-low (V
DD = 3.3 V, Temp. = 25°C, Input Slope = 1 ns)
4. Propagation delay, low-to-high (V
DD = 3.3 V, Temp. = 25°C, Input Slope = 1 ns)
Table 10. Pad Types
Pad
Type
DTPDHL(1)
DTPDLH(2)
TPDHL(3)
TPDLH(4)
Output
Current
MC5B01
5 V CMOS bidirectional pad
0.144 ns/pF
0.131 ns/pF
2.327 ns
2.192 ns
2 mA AC
2 mA DC
MC5B02
5 V CMOS bidirectional pad
0.072 ns/pF
0.066 ns/pF
2.298 ns
2.179 ns
4 mA AC
4 mA DC
MC5B03
5 V CMOS bidirectional pad
0.036 ns/pF
0.033 ns/pF
2.727 ns
2.034 ns
8 mA AC
8 mA DC
MC5B04
5 V CMOS bidirectional pad
0.018 ns/pF
0.017 ns/pF
3.265 ns
2.449 ns
16 mA AC
16 mA DC
MC5O01
5 V CMOS output pad
0.144 ns/pF
0.131 ns/pF
2.310 ns
2.174 ns
2 mA AC
2 mA DC
MC5D00
5 V CMOS non-inverting input pad
MC5D20
5 V CMOS schmitt non-inverting input pad
PC3D01D
3 V CMOS non-inverting input pad with pull-
down resistor
PC3D01U
3 V CMOS non-inverting input pad with pull-
up resistor
PC3D21
3 V CMOS schmitt non-inverting input pad
PC3D21U
3V CMOS schmitt non-inverting input pad with
pull-up resistor
PC3T01
3 V CMOS three state output pad
0.120 ns/pF
0.116 ns/pF
1.357 ns
1.011 ns
2 mA AC
0.3 mA DC
PC3T02
3 V CMOS three state output pad
0.060 ns/pF
0.058 ns/pF
1.002 ns
0.781 ns
4 mA AC
0.3 mA DC
PC3T03
3 V CMOS three state output pad
0.040 ns/pF
0.039 ns/pF
0.943 ns
0.800 ns
6 mA AC
0.3 mA DC
PC3B01D
3 V CMOS bidirectional pad with pull-down
resistor
0.118 ns/pF
0.116 ns/pF
1.357 ns
1.040 ns
2 mA AC
0.3 mA DC
PC3B01
3 V CMOS non-inverting bidirectional pad
0.120 ns/pF
0.116 ns/pF
1.372 ns
1.033 ns
2 mA AC
0.3 mA DC
PC3B02
3 V CMOS non-inverting bidirectional pad
0.060 ns/pF
0.058 ns/pF
1.010 ns
0.789 ns
6 mA AC
0.3 mA DC
PC3B03
3 V CMOS non-inverting bidirectional pad
0.040 ns/pF
0.039 ns/pF
0.948 ns
0.808 ns
6 mA AC
0.3 mA DC
OSCK33
32.768 kHz crystal oscillator pad
OSC16M
2-6 MHz crystal oscillator pad
PLL080M1
20 MHz to 80 MHz single pad Phase-Locked
Loop
AIMUX1
Analog input pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com