Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7A2 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT91SAM7A2
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT91SAM7A2 Datasheet HTML 37Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 38Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 39Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 40Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 41Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 42Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 43Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 44Page - ATMEL Corporation AT91SAM7A2 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 369 page
background image
41
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Table 26. Timings for Write Access
Write Access
Load = 15pf
Load = 30pf
MIN
TYPICAL
MAX
MIN
TYPICAL
MAX
tw
ADSWL
Address/NCS/NUB/NLB
Setup-time to Write Low
0.5 * t
CYCLE
- 1 ns
0.5 * t
CYCLE
- 1 ns
tw
WPL1
Write Pulse Low (one or more
Wait States)
(1+ NWS)
* t
CYCLE - 1 ns
(1+ NWS)
* t
CYCLE - 1 ns
tw
WPL2
Write Pulse low (0 Wait State)
0.5 * t
CYCLE
- 1 ns
0.5 * t
CYCLE
- 1 ns
tw
DSWH1
Data Setup-time to Write High
(one or more Wait States)
(1+ NWS)
* t
CYCLE + 1 ns
(1+ NWS)
* t
CYCLE + 1 ns
tw
DSWH2
Data Setup time to Write High
(0 Wait State)
0.5 * t
CYCLE
0.5 * t
CYCLE
tw
ADHWH
Address/CS/NUB/NLB
Hold-time from Write High
5 ns
6 ns
tw
OEHDD
Output Enable High
(previous is a read cycle)
to Data Drive
0.5 * t
CYCLE
- 3 ns
0.5 * t
CYCLE
- 3 ns
tw
CSHDD
Chip Select High
(previous is a read cycle)
to Data Drive
1.5 * t
CYCLE
- 4 ns
1.5 * t
CYCLE
- 7 ns
tw
DHWH1
Data Hold-time from Write High
(one or more Wait States)
t
CYCLE - 6 ns
t
CYCLE - 8 ns
tw
DHWH2
Data Hold-time from Write High
(0 Wait State)
0.5 * t
CYCLE
- 6 ns
0.5 * t
CYCLE
- 8 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com